Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1126A Arkusz danych(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1126A
Szczegółowy opis  SAW Filter 2017.5MHz 15 MHz BW SMD 1.4X1.1 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1126A Arkusz danych(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1126A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1126A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1126A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1126A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1126A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1126A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1126A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
F. PACKING:
1. REEL DIMENSION
(Reel Count : 7”=3000 )
2.TAPE DIMENSION
Direction of Feed


Podobny numer części - TA1126A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1120A TAI-SAW-TA1120A Datasheet
422Kb / 6P
   SAW Filter 446 MHz
logo
Golledge Electronics Lt...
TA1120A GOLLEDGE-TA1120A Datasheet
73Kb / 5P
   SAW Filter 446.0MHz
logo
Transko Electronics, In...
TA11214AD1 TRANSKO-TA11214AD1 Datasheet
573Kb / 4P
   112.5 MHz IF SAW Filter / 14.45 MHz Bandwidth
Revision 0: 28. Jun. 2008
logo
TAI-SAW TECHNOLOGY CO.,...
TA1121A TAI-SAW-TA1121A Datasheet
437Kb / 7P
   SAW Filter 1902MHz
logo
Golledge Electronics Lt...
TA1121A GOLLEDGE-TA1121A Datasheet
147Kb / 6P
   SAW Filter 1902.0MHz
More results

Podobny opis - TA1126A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1193A TAI-SAW-TA1193A Datasheet
155Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA0714A TAI-SAW-TA0714A Datasheet
159Kb / 7P
   SAW Filter 1575.42MHz 2 MHz BW SMD 1.4X1.1 mm
TA1343D TAI-SAW-TA1343D Datasheet
307Kb / 8P
   SAW Filter 1583 MHz (BW 46.79MHz) SMD 1.4X1.1 mm
TA1775A TAI-SAW-TA1775A Datasheet
469Kb / 7P
   SAW Filter 403.5 MHz SMD 1.4X1.1 mm (BW=5 MHz)
TA2711AA1325 TAI-SAW-TA2711AA1325 Datasheet
731Kb / 7P
   SAW Filter 875 MHz (BW 10MHz) SMD 1.4X1.1 mm
TA2630A TAI-SAW-TA2630A Datasheet
703Kb / 8P
   SAW Filter 1740 MHz (BW 60MHz) SMD 1.4X1.1 mm
TA2716AA1325 TAI-SAW-TA2716AA1325 Datasheet
476Kb / 7P
   SAW Filter 2355 MHz (BW 10MHz) SMD 1.4X1.1 mm
TA1834C TAI-SAW-TA1834C Datasheet
533Kb / 8P
   SAW Filter 2441.75 MHz SMD 1.4x1.1 mm (BW=83.5 MHz)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com