Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSI20H100CW Arkusz danych(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Numer części TSI20H100CW
Szczegółowy opis  20A, 100V - 200V Trench Schottky Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSI20H100CW Arkusz danych(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSI20H100CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSI20H100CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSI20H100CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSI20H100CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSI20H100CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CREAT BY ART
Document Number: DS_D1411038
Version: C15
TSI20H100CW - TSI20H200CW
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no
responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual
property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC
assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including
liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other
intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling
these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from
such improper use or sale.


Podobny numer części - TSI20H100CW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
TSI20H200CW ISC-TSI20H200CW Datasheet
349Kb / 3P
   Schottky Barrier Rectifier
More results

Podobny opis - TSI20H100CW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
   20A, 100V - 200V Trench Schottky Rectifier
TSI10H100CW TSC-TSI10H100CW Datasheet
245Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
TSI30H100CW TSC-TSI30H100CW Datasheet
244Kb / 5P
   30A, 100V - 200V Trench Schottky Rectifiers
TSF10L100CW TSC-TSF10L100CW Datasheet
247Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
TSD10H100CW TSC-TSD10H100CW Datasheet
234Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifier
TSSD10L100SW TSC-TSSD10L100SW Datasheet
341Kb / 6P
   10A, 100V - 200V Trench Schottky Rectifier
TST10L200CW TSC-TST10L200CW Datasheet
341Kb / 4P
   10A, 200V Trench Schottky Rectifiers
logo
Mospec Semiconductor
S20C70 MOSPEC-S20C70 Datasheet
248Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
S20S70 MOSPEC-S20S70 Datasheet
243Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
S20D70 MOSPEC-S20D70 Datasheet
248Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com