Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N5059 Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części 1N5059
Szczegółowy opis  Standard Avalanche Sinterglass Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5059 Arkusz danych(HTML) 2 Page - Vishay Siliconix

  1N5059_15 Datasheet HTML 1Page - Vishay Siliconix 1N5059_15 Datasheet HTML 2Page - Vishay Siliconix 1N5059_15 Datasheet HTML 3Page - Vishay Siliconix 1N5059_15 Datasheet HTML 4Page - Vishay Siliconix 1N5059_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1N5059, 1N5060, 1N5061, 1N5062
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 12-Sep-12
2
Document Number: 86000
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 C, unless otherwise specified)
Fig. 1 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 2 - Max. Reverse Current vs. Junction Temperature
Fig. 3 - Max. Average Forward Current vs. Ambient Temperature
Fig. 4 - Max. Forward Current vs. Forward Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX
UNIT
Forward voltage
IF = 1 A
VF
--
1
V
IF = 2.5 A
VF
-
-
1.15
V
Reverse current
VR = VRRM
IR
--
1
μA
VR = VRRM, Tj = 100 °C
IR
-
-
10
μA
VR = VRRM, Tj = 150 °C
IR
-
-
100
μA
Breakdown voltage
IR = 100 μA
1N5059
V(BR)R
225
-
1600
V
1N5060
V(BR)R
450
-
1600
V
1N5061
V(BR)R
650
-
1600
V
1N5062
V(BR)R
900
-
1600
V
Diode capacitance
VR = 0 V, f = 1 MHz
CD
-40
-
pF
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
trr
--
4
μs
0
40
80
120
160
200
25
50
75
100
125
150
175
Tj - Junction Temperature (
°C)
15764
VR =VRRM
160 K/W
100 K/W
45 K/W
RthJA =
1N5062
1N5061
1N5060
1N5059
0.1
1
10
100
1000
15765
VR =VRRM
25
50
75
100
125
150
175
Tj - Junction Temperature (
°C)
15763_1
VR =VRRM
half sinewave
RthJA=45 K/W
l =10 mm
RthJA= 100 K/W
PCB:d=25mm
020406080 100 120 140 160 180
Tamb - Ambient Temperature (°C)
0.0
1.0
1.5
2.0
2.5
3.0
0.5
0
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
VF - Forward Voltage(V)
15762
Tj =25
°C
Tj =175
°C
0.01
0.1
1
10
100
0.001


Podobny numer części - 1N5059_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
1N5059 CENTRAL-1N5059_15 Datasheet
412Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
logo
Diotec Semiconductor
1N5059 DIOTEC-1N5059_15 Datasheet
136Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Podobny opis - 1N5059_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
   Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com