Zakładka z wyszukiwarką danych komponentów |
|
2W08G Arkusz danych(PDF) 1 Page - Vishay Siliconix |
|
2W08G Arkusz danych(HTML) 1 Page - Vishay Siliconix |
1 / 5 page 2W005G, 2W01G, 2W02G, 2W04G, 2W06G, 2W08G, 2W10G www.vishay.com Vishay General Semiconductor Revision: 08-Jul-13 1 Document Number: 88528 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Glass Passivated Single-Phase Bridge Rectifier FEATURES • UL recognition, file number E54214 • Ideal for printed circuit boards • Typical IR less than 0.5 μA • High case dielectric strength • High surge current capability • Solder dip 260 °C, 40 s • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 TYPICAL APPLICATIONS General purpose use in AC/DC bridge full wave rectification for power supply, adapter, charger, lighting ballaster on consumers, and home appliances applications. MECHANICAL DATA Case: WOG Molding compound meets UL 94 V-0 flammability rating Base P/N-E4 - RoHS-compliant, commercial grade Terminals: Silver plated leads, solderable per J-STD-002 and JESD22-B102 Polarity: As marked on body PRIMARY CHARACTERISTICS Package WOG IF(AV) 2.0 A VRRM 50 V, 100 V, 200 V, 400 V, 600 V, 800 V, 1000 V IFSM 60 A IR 5 μA VF at IF = 2.0 A 1.1 V TJ max. 150 °C Diode variations Quad Case Style WOG + − ~ ~ + − ~ ~ e4 MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL 2W005G 2W01G 2W02G 2W04G 2W06G 2W08G 2W10G UNIT Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS voltage VRMS 35 70 140 280 420 560 700 V Maximum DC blocking voltage VDC 50 100 200 400 600 800 1000 V Maximum average forward rectified current at 0.375" (9.5 mm) lead length at (fig. 1) IF(AV) 2.0 A Peak forward surge current single half sine-wave superimposed on rated load IFSM 60 A Rating for fusing (t < 8.3 ms) I2t15 A2s Operating junction and storage temperature range TJ, TSTG - 55 to + 150 °C ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PARAMETER TEST CONDITIONS SYMBOL 2W005G 2W01G 2W02G 2W04G 2W06G 2W08G 2W10G UNIT Maximum instantaneous forward voltage drop per diode IF = 2.0 A VF 1.1 V Maximum DC reverse current at rated DC blocking voltage per diode TA = 25 °C IR 5.0 μA TA = 125 °C 500 Typical junction capacitance per diode 4.0 V, 1 MHz CJ 40 20 pF |
Podobny numer części - 2W08G |
|
Podobny opis - 2W08G |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |