Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N5226B Arkusz danych(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Numer części 1N5226B
Szczegółowy opis  0.5W Hermetically Sealed Glass Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5226B Arkusz danych(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N5226B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5226B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N5226B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N5226B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N5226B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N5226B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N5226B Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd 1N5226B Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PART NO.
Note 1: "xx" defines voltage from 2.4V (1N5221B) to 56V (1N5263B)
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_S1410003
Version: E14
1N5221B R0G
1N5221B-L0 R0G
1N5221B-B0 R0G
L0
B0
1N5221B
1N5221B
1N5221B
R0
G
Multiple manufacture
source
Halogen free
R0
G
Define manufacture
source
Halogen free
RATINGS AND CHARACTERISTICS CURVES
EXAMPLE
PREFERRED
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
PART NO.
SUFFIX
DESCRIPTION
R0
G
Define manufacture
source
Halogen free
1N52xxB
(Note 1)
GDO-35
-xx
10K / 14" Reel
5K / Box (Ammo)
R0
A0
1N5221B - 1N5263B
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
PART NO.
SUFFIX (Note 2)
0.8
0.9
1.0
1.1
1.2
1.3
-60
0
60
120
180
240
Tj - Junction Temperature (°C)
VZtn = VZt/VZ (25 °C)
Fig. 3 Typical Change of Working Voltage VS. Junction
TKVZ = 10 x 10-
8 x 10-4/K
6 x 10-
4 x 10-
2 x 10-
4
/K
0
-2 x 10-
-4 x 10-
1
10
100
1000
0
5
10
15
20
25
VZ - Z-Voltage (V)
Tj = 25oC
Fig. 2 Typical Change of Working Voltage under Operating
Conditions at Tamb = 25 oC
IZ = 5 mA
0
100
200
300
400
500
600
0
40
80
120
160
200
Tamb - Ambient Temperature (°C)
Fig.4 Total Power Dissipation VS. Ambient Temperature
0
100
200
300
400
500
0
5
10
15
20
I - Lead Length (mm)
Fig. 1 Thermal Resistance VS. Lead Length


Podobny numer części - 1N5226B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
1N5226B VISHAY-1N5226B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5226B ZSELEC-1N5226B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
EIC discrete Semiconduc...
1N5226B EIC-1N5226B Datasheet
38Kb / 2P
   ZENER DIODES
logo
Weitron Technology
1N5226B WEITRON-1N5226B Datasheet
308Kb / 3P
   Surface Mount Zener Diodes
logo
Microdiode Electronics ...
1N5226B CHENDA-1N5226B Datasheet
184Kb / 3P
   ZENER DIODES
More results

Podobny opis - 1N5226B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
logo
SeCoS Halbleitertechnol...
LL4151 SECOS-LL4151 Datasheet
53Kb / 1P
   0.5W , 75V Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4_15 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com