Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N5239B Arkusz danych(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Numer części 1N5239B
Szczegółowy opis  0.5W Hermetically Sealed Glass Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5239B Arkusz danych(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1N5239B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5239B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N5239B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N5239B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N5239B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N5239B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N5239B Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd 1N5239B Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: DS_S1410003
Version: E14
Small Signal Product
1N5221B - 1N5263B
Taiwan Semiconductor
1
10
100
1000
0.1
1.0
10.0
100.0
1000.0
tp – Pulse Length (ms)
Fig. 11 Thermal Response
tp/T = 0.5
tp/T = 0.2
tp/T = 0.1
tp/T = 0.05
tp/T = 0.02
tp/T = 0.01
Single Pulse
R thJA = 300 K/W
T = T jmax –Tamb
iZM = (–VZ +(VZ2+ 4rzj x T/Zthp) 1 / 2) /(2rzj )


Podobny numer części - 1N5239B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tiger Electronic Co.,Lt...
1N5239B TGS-1N5239B Datasheet
264Kb / 3P
   Zener diode
logo
Vishay Siliconix
1N5239B VISHAY-1N5239B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5239B MCC-1N5239B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Tak Cheong Electronics ...
1N5239B TAK_CHEONG-1N5239B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
1N5239B YEASHIN-1N5239B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Podobny opis - 1N5239B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
logo
SeCoS Halbleitertechnol...
LL4151 SECOS-LL4151 Datasheet
53Kb / 1P
   0.5W , 75V Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4_15 Datasheet
202Kb / 4P
   Hermetically Sealed Glass Zener
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com