Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC807-25W Arkusz danych(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Numer części BC807-25W
Szczegółowy opis  200mW, PNP Small Signal Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC807-25W Arkusz danych(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  BC807-25W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC807-25W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC807-25W Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC807-25W Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC807-25W Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BC807-25W Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DIMENSIONS
Min
Max
Min
Max
A
1.80
2.20
0.07
0.09
B
1.15
1.35
0.05
0.05
C
0.15
0.40
0.01
0.02
D
1.20
1.40
0.05
0.06
E
2.00
2.45
0.08
0.10
F
0.80
1.10
0.03
0.04
SUGGEST PAD LAYOUT
A
B
C
D
Document Number: DS_S1404006
Small Signal Product
Version: B14
1.6
0.063
BC807-16W/-25W/-40W
DIM.
0.65
0.8
Unit(mm)
Taiwan Semiconductor
Unit (mm)
Unit (inch)
0.031
0.8
Unit(inch)
DIM.
Typ.
0.026
0.031
Typ.


Podobny numer części - BC807-25W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC807-25W PHILIPS-BC807-25W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
logo
Shenzhen Jin Yu Semicon...
BC807-25W HTSEMI-BC807-25W Datasheet
275Kb / 2P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BC807-25W SIEMENS-BC807-25W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
logo
SUNMATE electronic Co.,...
BC807-25W SUNMATE-BC807-25W Datasheet
612Kb / 3P
   PNP SILICON GENERAL PURPOSE TRANSISTORS
logo
Infineon Technologies A...
BC807-25W INFINEON-BC807-25W Datasheet
47Kb / 5P
   PNP Silicon AF Transistors
Nov-29-2001
More results

Podobny opis - BC807-25W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
BC807W TSC-BC807W Datasheet
553Kb / 4P
   200mW, PNP Small Signal Transistor
BC856A TSC-BC856A_14 Datasheet
323Kb / 6P
   200mW, PNP Small Signal Transistor
BC817-16W TSC-BC817-16W_14 Datasheet
158Kb / 6P
   200mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BC856A MCC-BC856A_13 Datasheet
521Kb / 5P
   PNP Small Signal Transistor 200mW
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC817-16W TSC-BC817-16W Datasheet
576Kb / 4P
   200mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BCW66F MCC-BCW66F Datasheet
271Kb / 3P
   NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC817W TSC-BC817W Datasheet
350Kb / 6P
   200mW, NPN Small Signal Transistor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com