Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX79C11 Arkusz danych(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Numer części BZX79C11
Szczegółowy opis  5% Tolerance Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79C11 Arkusz danych(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZX79C11 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79C11 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX79C11 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX79C11 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX79C11 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Small Signal Product
PART NO.
Note 1: "xxx" defines voltage from 2.0V (BZX79C2V0) to 75V (BZX79C75)
PART NO.
BZX79C75
BZX79C75
Min
Max
Min
Max
A
0.34
0.60
0.013
0.024
B
2.90
5.08
0.114
0.200
C
25.40
38.10
1.000
1.500
D
1.30
2.28
0.051
0.090
Document Number: DS_S1408013
Version: E14
PACKAGE OUTLINE DIMENSION
DIM.
Unit (mm)
Unit (inch)
BZX79C75 R0G
R0
G
Green compound
BZX79C75-L0 R0G
L0
R0
G
Green compound
Note 2: Manufacture special control, if empty means no special control requirement.
EXAMPLE
PREFERRED P/N
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
BZX79Cxxx
(Note1)
(Note 2)
R0
GDO-35
10K / 14" Reel
A0
5K / Box (Ammo)
BZX79C2V0 thru BZX79C75
Taiwan Semiconductor
ORDERING INFORMATION
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING


Podobny numer części - BZX79C11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BZX79C11 FAIRCHILD-BZX79C11 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Continental Device Indi...
BZX79C11 CDIL-BZX79C11 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
Fairchild Semiconductor
BZX79C11 FAIRCHILD-BZX79C11 Datasheet
47Kb / 5P
   Zeners
logo
New Jersey Semi-Conduct...
BZX79C11 NJSEMI-BZX79C11 Datasheet
132Kb / 2P
   ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C11 EIC-BZX79C11 Datasheet
36Kb / 2P
   ZENER DIODES
More results

Podobny opis - BZX79C11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
   5% Tolerance Zener Diode
BZT52C2V4-G TSC-BZT52C2V4-G Datasheet
99Kb / 4P
   5% Zener Voltage Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Central Semiconductor C...
CLL4729A CENTRAL-CLL4729A Datasheet
51Kb / 2P
   1.0W ZENER DIODE 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4 TSC-BZT52C2V4_14 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com