Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZW04-33B Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części BZW04-33B
Szczegółowy opis  Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZW04-33B Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZW04-33B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZW04-33B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZW04-33B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZW04-33B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZW04-33B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZW04-33B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CREAT BY ART
- Excellent clamping capability
- Low impedance surge resistance
- 400W surge capability at 10 / 1000 μs waveform
- Typical IR less than 1μA above 10V
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
SYMBOL
UNIT
PPK
Watts
RθJL
oC/W
TJ
OC
TSTG
OC
Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2
Note 2: Mounted on 5 x 5 mm Copper Pads to Each Terminal
Note 3: 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum
PART NO.
PART NO.
BZW04-94
BZW04-94
Document Number: DS_D1406028
Version: H14
- 55 to +175
Green compound
DESCRIPTION
1,000 / Bulk packing
Transient Voltage Suppressor
BZW04-94 A0
A0
BZW04-94 A0G
A0
G
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
DO-41
B0
DO-41
Note 1: "xxx" defines voltage from 5.8V (BZW04-5V8) to 376V (BZW04-376)
5,000 / 13" Paper reel (Reverse)
BZW04-xxx
(Note 1)
A0
Suffix "G"
DO-41
R0
DO-41
R1
oC/W
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
- 55 to +175
Operating junction temperature range
Storage temperature range
Junction to leads
Junction to ambient on printed circuit
L lead=10mm
RθJA
100
60
Watts
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load (Note 3)
IFSM
A
40
1
PARAMETER
Peak power dissipation at TA=25
oC, Tp=1ms (Note 1)
Steady state power dissipation at TL=75
oC
lead lengths .375", 9.5mm (Note 2)
PD
400
VALUE
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
DO-204AL (DO-41)
MECHANICAL DATA
Case:
DO-204AL (DO-41)
Weight:
0.3g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
FEATURES
- Very fast response time
5,000 / 13" Paper reel
3,000 / Ammo box (52mm taping)
PACKING
Taiwan Semiconductor
BZW04 SERIES


Podobny numer części - BZW04-33B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BZW04-33B STMICROELECTRONICS-BZW04-33B Datasheet
130Kb / 6P
   TRANSIL
logo
DB Lectro Inc
BZW04-33B DBLECTRO-BZW04-33B Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04-33B BILIN-BZW04-33B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-33B VISHAY-BZW04-33B Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
MDE Semiconductor, Inc.
BZW04-33B MDE-BZW04-33B Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Podobny opis - BZW04-33B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com