Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX584B11 Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części BZX584B11
Szczegółowy opis  2% Zener Voltage Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX584B11 Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZX584B11 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX584B11 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX584B11 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX584B11 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX584B11 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZX584B11 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(TA=25
℃ unless otherwise noted)
Document Number: DS_S1403006
Version: A14
RATINGS AND CHARACTERISTICS CURVES
BZX584B4V7 ~ BZX584B20
Taiwan Semiconductor
Small Signal Product
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
Reverse Volatge (V)
Fig. 2 Reverse Current vs Reverse Voltage
Ta=25°C
Ta=100°C
0
50
100
150
200
0
25
50
75
100
125
150
Ambient Temperature (°C)
Fig. 3 Admissible Power Dissipation Curve
0
10
20
30
40
50
0
2
4
6
8
10
12
14
Reverse Voltage (V)
Fig. 4 Typical Capacitance Characteristics
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
Reverse Voltage (V)
Fig. 2 Reverse Current vs Reverse Voltage
Ta=25°C
Ta=100°C
0.1
1
10
100
200
300
400
500
600
700
800
900
1000
Forward Voltage (mV)
Fig.1 Typical Forward Characteristics
Ta=100°C
Ta=25°C
Ta=100°C
Ta=25°C


Podobny numer części - BZX584B11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jiangsu Changjiang Elec...
BZX584B11 JIANGSU-BZX584B11 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Micro Commercial Compon...
BZX584B11 MCC-BZX584B11 Datasheet
509Kb / 4P
   Silicon 150 mWatt Zener Diodes
logo
DAESAN ELECTRONIC CORP.
BZX584B11 DAESAN-BZX584B11 Datasheet
260Kb / 3P
   ZENER DIODE
logo
UN Semiconducctor INC
BZX584B11 UNSEMI-BZX584B11 Datasheet
2Mb / 6P
   SOD-523 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
logo
Zibo Seno Electronic En...
BZX584B11G ZSELEC-BZX584B11G Datasheet
145Kb / 3P
   100mW SURFACE MOUNT ZENER DIODE
More results

Podobny opis - BZX584B11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
   2% Zener Voltage Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com