Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX585B39 Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części BZX585B39
Szczegółowy opis  Zener Diode, 2% Tolerance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX585B39 Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZX585B39 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX585B39 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX585B39 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX585B39 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX585B39 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZX585B39 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(TA=25
oC unless otherwise noted)
Version: B14
RATINGS AND CHARACTERISTICS CURVES
BZX585B2V4 thru BZX585B51
Taiwan Semiconductor
Small Signal Product
0.01
0.1
1
10
100
0
20
40
60
80
100
120
Reverse Volatge (V)
Fig. 2 Reverse Current vs Reverse Voltage
Ta=25°C
1
10
100
1000
1
10
100
Normal Zener voltage (V)
Fig. 2 Effect of Zener voltage on Zener impedance
Iz=1mA
5mA
20mA
TJ=25oC
Iz(AC)=0.1Iz(DC)
F=1kHz
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
Forward Voltage (V)
Fig.1 Typical forward characteristics
75°C
150°C
25°C
5°C
0
50
100
150
200
250
0
25
50
75
100
125
150
Ambient temperature (oC)
Fig.3 Power dissipation vs. ambient temp.
1
10
100
1000
1
10
100
Norminal Zener voltage (V)
Fig. 4 Typical capacitance
0V BIAS
1V BIAS
BIAS at
50% of Vz NOM
TJ=25oC
0.01
0.1
1
10
100
0246
8
10
12
Zener voltage (V)
Fig.5 Zener breakdown characteristics
25°C
0.01
0.1
1
10
100
10
30
50
70
Zener voltage (V)
Fig.6 Zener breakdown characteristics
25°C


Podobny numer części - BZX585B39

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
BZX585B39 KEXIN-BZX585B39 Datasheet
48Kb / 2P
   Zener Diodes
More results

Podobny opis - BZX585B39

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
BZX55B2V4 TSC-BZX55B2V4_14 Datasheet
228Kb / 5P
   2% Tolerance Zener Diode
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
   2% Zener Voltage Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com