Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1684A Arkusz danych(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1684A
Szczegółowy opis  SAW Filter 2650 MHz 20MHz BW SMD 3.0x3.0 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1684A Arkusz danych(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1684A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1684A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1684A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1684A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1684A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1684A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1684A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Name: SAW Filter 2650 MHz 20MHz BW SMD 3.0x3.0 mm
TST Parts No.:TA1684A
Customer Parts No.:
Customer signature required
Company:
Division:
Approved by :
Date:
Checked by:
Andy Yu
Approval by:
Bob Chau
Date:
2013/12/13
1. Customer signed back is required before TST can proceed with sample build and receive orders.
2. Orders received without customer signed back will be regarded as agreement on the specifications.
3. Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes


Podobny numer części - TA1684A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA1684A GOLLEDGE-TA1684A Datasheet
310Kb / 6P
   SAW Filter 2650.0MHz
More results

Podobny opis - TA1684A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1684B TAI-SAW-TA1684B Datasheet
966Kb / 7P
   SAW Filter 2650 MHz 20MHz BW SMD 3.0x3.0 mm
TA1683A TAI-SAW-TA1683A Datasheet
368Kb / 7P
   SAW Filter 2530 MHz 20MHz BW SMD 3.0x3.0 mm
TA0545A TAI-SAW-TA0545A Datasheet
434Kb / 7P
   SAW Filter 2650 MHz SMD 3.0X3.0 mm
TA1413C TAI-SAW-TA1413C Datasheet
407Kb / 7P
   SAW Filter 1128 MHz SMD 3.0X3.0 mm(BW=34 MHz)
TA2033BA3110 TAI-SAW-TA2033BA3110 Datasheet
745Kb / 7P
   SAW Filter 1505 MHz BW 26 MHz SMD 3.0X3.0 mm
TA0676B TAI-SAW-TA0676B Datasheet
137Kb / 7P
   SAW Filter 1592.5 MHz 43MHz BW SMD 3.0X3.0 mm
TA0638C TAI-SAW-TA0638C Datasheet
599Kb / 7P
   SAW Filter 1590 MHz SMD 3.0X3.0 mm(BW=59MHz)
TA2617A TAI-SAW-TA2617A Datasheet
545Kb / 8P
   SAW Filter 1133 MHz SMD 3.0X3.0 mm(BW=35MHz)
TA1464B TAI-SAW-TA1464B Datasheet
392Kb / 8P
   SAW Filter 1575.42 MHz SMD 3.0X3.0 mm(BW=2MHz)
TA2661A TAI-SAW-TA2661A Datasheet
348Kb / 7P
   SAW Filter 1045 MHz SMD 3.0X3.0 mm(BW=10MHz)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com