Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI2325DS Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI2325DS
Szczegółowy opis  P-Channel 150-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2325DS Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI2325DS_15 Datasheet HTML 1Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 2Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 3Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 4Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 5Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 6Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 7Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 8Page - Vishay Siliconix SI2325DS_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 73238
S09-0133-Rev. B, 02-Feb-09
Vishay Siliconix
Si2325DS
Notes:
a. Pulse test: PW
≤ 300 µs duty cycle ≤ 2 %.
b. For DESIGN AID ONLY, not subject to production testing.
c. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = - 250 µA
- 150
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 2.5
- 4.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 150 V, VGS = 0 V
- 1
µA
VDS = - 150 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ - 15 V, VGS = 10 V
- 1.6
A
Drain-Source On-Resistancea
RDS(on)
VGS = - 10 V, ID = - 0.5 A
1.0
1.2
Ω
VGS = - 6.0 V, ID = - 0.5 A
1.05
1.3
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 0.5 A
2.2
S
Diode Forward Voltage
VSD
IS = - 1.0 A, VGS = 0 V
0.7
- 1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = - 75 V, VGS = 10 V,
ID ≅ - 0.5 A
7.7
12
nC
Gate-Source Charge
Qgs
1.5
Gate-Drain Charge
Qgd
2.5
Gate Resistance
Rg
f = 1.0 MHz
9
Ω
Input Capacitance
Ciss
VDS = - 25 V, VGS = 0 V, f = 1 MHz
340
510
pF
Output Capacitance
Coss
30
Reverse Transfer Capacitance
Crss
16
Switchingc
Turn-On Time
td(on)
VDD = - 75 V, RL = 75 Ω
ID ≅ - 1.0 A, VGEN = - 10 V
Rg = 6 Ω
711
ns
tr
11
17
Turn-Off Time
td(off)
16
25
tf
11
17
Body Diode Reverse Recovery Charge
Qrr
IF = 0.5 A, dI/dt = 100 A/µs
90
135
nC


Podobny numer części - SI2325DS_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2325DS VISHAY-SI2325DS_17 Datasheet
202Kb / 9P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 02-Feb-09
More results

Podobny opis - SI2325DS_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 16-Jul-07
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
   P-Channel 150 V (D-S) MOSFET
Rev. C, 11-Apr-11
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
   P-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 18-Aug-08
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
   P-Channel 150-V (D-S) MOSFET
S-42449-Rev. A, 10-Jan-05
logo
Analog Power
AM90P15-30P ANALOGPOWER-AM90P15-30P Datasheet
339Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM90P15-60P ANALOGPOWER-AM90P15-60P Datasheet
343Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI3437DV VISHAY-SI3437DV_15 Datasheet
199Kb / 12P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 04-May-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com