Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7617DN Arkusz danych(PDF) 2 Page - Vishay Siliconix

Numer części SI7617DN
Szczegółowy opis  P-Channel 30-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7617DN Arkusz danych(HTML) 2 Page - Vishay Siliconix

  SI7617DN_15 Datasheet HTML 1Page - Vishay Siliconix SI7617DN_15 Datasheet HTML 2Page - Vishay Siliconix SI7617DN_15 Datasheet HTML 3Page - Vishay Siliconix SI7617DN_15 Datasheet HTML 4Page - Vishay Siliconix SI7617DN_15 Datasheet HTML 5Page - Vishay Siliconix SI7617DN_15 Datasheet HTML 6Page - Vishay Siliconix SI7617DN_15 Datasheet HTML 7Page - Vishay Siliconix SI7617DN_15 Datasheet HTML 8Page - Vishay Siliconix SI7617DN_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Si7617DN
www.vishay.com
Vishay Siliconix
S15-1032-Rev. B, 04-May-15
2
Document Number: 65164
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = -250 μA
-30
-
-
V
VDS Temperature Coefficient
ΔVDS/TJ
ID = -250 μA
--25
-
mV/°C
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
-4.7
-
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 μA
-1.2
-
-2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 25 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = -30 V, VGS = 0 V
-
-
-1
μA
VDS = -30 V, VGS = 0 V, TJ = 55 °C
-
-
-5
On-State Drain Current a
ID(on)
VDS
≥ -10 V, VGS = -10 V
-30
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = -10 V, ID = -13.9 A
-
0.0103
0.0123
Ω
VGS = -4.5 V, ID = -10.3 A
-
0.0185
0.0222
Forward Transconductance a
gfs
VDS = -15 V, ID = -13.9 A
-
35
-
S
Dynamic b
Input Capacitance
Ciss
VDS = -15 V, VGS = 0 V, f = 1 MHz
-
1800
-
pF
Output Capacitance
Coss
-370
-
Reverse Transfer Capacitance
Crss
-312
-
Total Gate Charge
Qg
VDS = -15 V, VGS = -10 V, ID = -13.9 A
-
39
59
nC
VDS = -15 V, VGS = -4.5 V, ID = -13.9 A
-
20.5
31
Gate-Source Charge
Qgs
-6-
Gate-Drain Charge
Qgd
-11-
Gate Resistance
Rg
f = 1 MHz
0.4
2
4
Ω
Turn-On Delay Time
td(on)
VDD = -15 V, RL = 1.35
Ω
ID
≅ -11.1 A, VGEN = -10 V, Rg = 1 Ω
-11
22
ns
Rise Time
tr
-9
18
Turn-Off DelayTime
td(off)
-32
50
Fall Time
tf
-9
18
Turn-On Delay Time
td(on)
VDD = -15 V, RL = 1.35
Ω
ID
≅ -11.1 A, VGEN = -4.5 V, Rg = 1 Ω
-40
60
Rise Time
tr
-43
65
Turn-Off DelayTime
td(off)
-30
45
Fall Time
tf
-11
22
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode
Current
IS
TC = 25 °C
-
-
-35
A
Pulse Diode Forward Current
ISM
--
-60
Body Diode Voltage
VSD
IS = -11.1 A, VGS = 0 V
-
-0.8
-1.2
V
Body Diode Reverse Recovery Time
trr
IF = -11.1 A, dI/dt = 100 A/μs,
TJ = 25 °C
-
3350ns
Body Diode Reverse Recovery Charge
Qrr
-30
45
nC
Reverse Recovery Fall Time
ta
-18-
ns
Reverse Recovery Rise Time
tb
-16-


Podobny numer części - SI7617DN_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7617DN-T1-GE3 VISHAY-SI7617DN-T1-GE3 Datasheet
581Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 10-Aug-09
SI7617DN VISHAY-SI7617DN_V01 Datasheet
622Kb / 13P
   P-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI7617DN_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com