Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS79L05CTA3 Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TS79L05CTA3
Szczegółowy opis  3-Terminal 100mA Negative Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79L05CTA3 Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS79L05CTA3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79L05CTA3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79L05CTA3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79L05CTA3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79L05CTA3 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79L05CTA3 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79L05CTA3 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS79L00 Series
3-Terminal 100mA Negative Voltage Regulator
1/7
Version: F14
TO-92
SOT-89
General Description
The TS79L00 Series of negative voltage regulators are inexpensive, easy-to-use devices suitable for a multitude
of applications that require a regulated supply of up to 100mA. Like their higher power TS7900 and TS79M00
Series cousins, these regulators feature internal current limiting and thermal shutdown making them remarkably
rugged. No external components are required with the TS79L00 devices in many applications.
These devices offer a substantial performance advantage over the traditional zener diode-resistor combination, as
output impedance and quiescent current are substantially reduced.
Features
Output Voltage Range -5V, -9V
Output current up to 100mA
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
Output voltage offered in 4% tolerance
Standard Application Circuit
A common ground is required between the input and the
output voltages. The input voltage must remain typically
2.0V above the output voltage even during the low point on
the Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does improve
transient response.
Ordering Information
Part No.
Package
Packing
TS79LxxCT B0
TO-92
1Kpcs / Bulk
TS79LxxCT A3
TO-92
2kpcs / Ammo
TS79LxxCY RM
SOT-89
1kpcs / 7” Reel
Note: Refer to detail ordering information table.
Absolute Maximum Ratings (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
-35
V
Power Dissipation
PD
Internal Limited
W
Operating Temperature range
TOPR
0~+125
oC
Junction Temperature
TJ
+150
oC
Storage Temperature Range
TSTG
-65~+150
oC
Thermal Resistance - Junction to Case
TO-92
RӨJC
--
oC/W
SOT-89
18
Thermal Resistance - Junction to Ambient
TO-92
RӨJA
210
oC/W
SOT-89
--
Note: * Considering 6cm2 of copper board heat-sink
Pin Definition:
1. Ground
2. Input
3. Output


Podobny numer części - TS79L05CTA3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS79L05CT TSC-TS79L05CT Datasheet
140Kb / 8P
   3-Terminal Low Current Negative Voltage Regulator
More results

Podobny opis - TS79L05CTA3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC79L05 ETC1-AMC79L05 Datasheet
387Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
SN79L05 KODENSHI-SN79L05 Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
logo
NTE Electronics
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
NTE1917 NTE-NTE1917 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -5V, 100mA
NTE1905 NTE-NTE1905 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 100mA
NTE1907 NTE-NTE1907 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -18V, 100mA
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com