Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1117BCW25RPG Arkusz danych(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Numer części TS1117BCW25RPG
Szczegółowy opis  1A Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117BCW25RPG Arkusz danych(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS1117BCW25RPG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117BCW25RPG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117BCW25RPG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117BCW25RPG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117BCW25RPG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117BCW25RPG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117BCW25RPG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117BCW25RPG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS1117B
1A Low Dropout Positive Voltage Regulator
4/8
Version: F14
Ordering information
Voltage
TO-252
SOT-223
SOP-8
ADJ
TS1117BCP ROG
TS1117BCW RPG
1.2V
TS1117BCW12 RPG
1.8V
TS1117BCW18 RPG
2.5V
TS1117BCW25 RPG
3.3V
TS1117BCP33 ROG
TS1117BCW33 RPG
TS1117BCS33 RLG
5V
TS1117BCP50 ROG
TS1117BCW50 RPG
Packing code information
Packing
2.5kpcs / 13" Reel
2.5kpcs / 13" Reel
2.5kpcs / 13" Reel


Podobny numer części - TS1117BCW25RPG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS1117BCW25 TSC-TS1117BCW25 Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results

Podobny opis - TS1117BCW25RPG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com