Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2938 Arkusz danych(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Numer części TS2938
Szczegółowy opis  500mA Ultra Low Dropout Voltage Regulator With Inhibit Function
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2938 Arkusz danych(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2938_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2938_15 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS2938
Taiwan Semiconductor
Document Number: DS_P0000209
2
Version: G15
ABSOLUTE MAXIMUM RATINGS
(Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
Input Supply Voltage
(Note 2)
VIN
-18 ~ +60
V
Operation Input Supply Voltage
VOPR
26
V
Power Dissipation
(Note 3)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
20
°C/W
Notes: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case thermal reference is defined
at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is determined by the user’s board
design. RӨJA shown below for single device operation on FR-4 PCB in still air.
ELECTRICAL SPECIFICATIONS
(VIN=VOUT+1V, IL=5mA, CO=10µF, TA=25
oC, unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
TA=25
oC
3.23
3.3
3.36
V
4.9
5
5.1
TA=25~85
oC
3.17
3.3
3.43
4.8
5
5.2
Output Voltage Temperature Coefficient
--
50
150
ppm/
oC
Line Regulation
Vo+1V
≤ V
IN
≤ 26V
--
0.05
0.5
%
Load Regulation
5mA
≤ I
L
≤ 500mA
--
0.2
1.0
%
Dropout Voltage
(Note 4)
IL=100mA
--
100
200
mV
IL=300mA
--
300
400
IL=500mA
--
500
600
Quiescent Current
(Note 5)
IL=100µA
--
200
300
µA
IL=300mA
--
12
20
mA
IL=500mA
--
25
50
Short Circuit Current
(Note 6)
VOUT =0
--
0.9
1.3
A
Output Noise,
10Hz to 100KHz, IL=10mA
CL=2.2µF
--
500
--
µVrms
CL=3.3µF
--
350
--
CL=33µF
--
120
--
Ripple Rejection
Ratio
60
--
--
dB


Podobny numer części - TS2938_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2938ACP5 TSC-TS2938ACP5 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938ACP52.5 TSC-TS2938ACP52.5 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938ACP525 TSC-TS2938ACP525 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938ACP53.3 TSC-TS2938ACP53.3 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
TS2938ACP533 TSC-TS2938ACP533 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
More results

Podobny opis - TS2938_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938_07 Datasheet
302Kb / 7P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938_08 Datasheet
277Kb / 6P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
TS2938 TSC-TS2938 Datasheet
108Kb / 5P
   500mA Ultra Low Dropout Fixed Voltage Regulator with Inhibit
logo
STMicroelectronics
LEXX STMICROELECTRONICS-LEXX Datasheet
1Mb / 24P
   Very low-dropout voltage regulator with inhibit function
May 2017 Rev 15
logo
Taiwan Semiconductor Co...
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_13 Datasheet
318Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
logo
Acutechnology Semicondu...
AQ533 ACUTECH-AQ533 Datasheet
633Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com