Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS90135CWRP Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TS90135CWRP
Szczegółowy opis  500mA Low Quiescent Current CMOS LDO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS90135CWRP Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS90135CWRP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS90135CWRP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS90135CWRP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS90135CWRP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS90135CWRP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS9013
500mA Low Quiescent Current CMOS LDO
1/5
Version: G13
SOT-89
SOT-223
General Description
TS9013 is a positive voltage regulator developed utilizing CMOS technology featured very low power
consumption, low dropout voltage and high output voltage accuracy. Built in low on-resistor provides low dropout
voltage and large output current. A 2.2uF or greater can be used as an output capacitor.
TS9013 are prevented device failure under the worst operation condition with both thermal shutdown and current
fold-back. These series are recommended for configuring portable devices and large current application,
respectively.
Features
Output current up to 500mA
Low power consumption, 15uA(typ) @Vo=5V
Output voltage
±2%
Internal current limit
Thermal shutdown protection
Ordering Information
Note: Refer to detail ordering information table.
Part No.
Package
Packing
TS9013xCW RP
SOT-223
2.5Kpcs / 13” Reel
TS9013xCW RPG
SOT-223
2.5Kpcs / 13” Reel
TS9013xCY RM
SOT-89
1Kpcs / 7” Reel
TS9013xCY RMG
SOT-89
1Kpcs / 7” Reel
Applications
Palmtops
Video recorders
Battery powered equipment
PC peripherals
CD-ROM, DVD ROM
Digital signal camera
Typical Application Circuit
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
12
V
Recommend Operating Input Voltage
VIN
10
V
Output Current
Io
500
mA
Power Dissipation (without heat sink)
SOT-89
PD
0.5
W
SOT-223
0.7
Operating Junction Temperature Range
Tj
-40 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Notes: Stress above the listed absolute rating may cause permanent damage to the device.
Pin Definition:
1. Ground
2. Input
3. Output
Pin Definition:
1. Input
2. Ground
3. Output


Podobny numer części - TS90135CWRP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS90135CW TSC-TS90135CW Datasheet
116Kb / 3P
   500mA CMOS Low Dropout Voltage Regulator
More results

Podobny opis - TS90135CWRP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
logo
Diodes Incorporated
AP2138 DIODES-AP2138 Datasheet
780Kb / 29P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
Rev. 5 - 2 August 2019
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com