Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSH251 Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części TSH251
Szczegółowy opis  Micropower CMOS Output Hall Effect Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSH251 Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSH251 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSH251 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSH251 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSH251 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSH251 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSH251 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSH251 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSH251 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSH251
Micropower CMOS Output Hall Effect Switch
1/8
Version: B14
TO-92S
TSOT-23
Description
TSH251 Hall-effect sensor is a temperature stable, stress-resistant, Low Tolerance of Sensitivity micro-power
switch. Superior high-temperature performance is made possible through a dynamic offset cancellation that
utilizes chopper-stabilization. This method reduces the offset voltage normally caused by device over molding,
temperature dependencies, and thermal stress. TSH251 is special made for low operation voltage at 1.65V, to
active the chip which is includes the following on a single silicon chip: voltage regulator, Hall voltage generator,
small-signal amplifier, chopper stabilization, Schmitt trigger, CMOS output driver. Advanced CMOS wafer
fabrication processing is used to take advantage of low-voltage requirements, component matching, very low
input-offset errors, This device requires the presence of omni-polar magnetic fields for operation.
Features
CMOS Hall IC Technology
Strong RF noise protection
1.65 to 3.5V for battery-powered applications
Omni polar, output switches with absolute value of
North or South pole from magnet
Operation down to 1.65V, micropower consumption
High Sensitivity for reed switch replacement
applications
Low sensitivity drift in crossing of Temp. range
Ultra Low power consumption at 5µA (avg.)
High ESD Protection, HBM > ±4KV( min )
Totem-pole output
Ordering Information
Part No.
Package
Packing
TSH251CT B0G
TO-92S
1kpcs / Bulk Bag
TSH251CX RFG
TSOT-23
3kpcs / 7” Reel
Note: “G” denote for Halogen Free Product
Application
Solid state switch, Water Meter, Floating Meter
Handheld Wireless Handset Awake Switch
(Flip Cell/PHS Phone/Note Book/Flip Video Set)
Lid close sensor for battery powered devices
Magnet proximity sensor for reed switch
replacement in low duty cycle applications
Absolute Maximum Ratings (TA=25
oC unless otherwise noted)
Characteristics
Limit
Value
Unit
Supply voltage
VDD
4.5
V
Output Voltage
VOUT
4.5
V
Reverse Voltage
VDD/OUT
-0.3
V
Magnetic flux density
Unlimited
Gauss
Output current
IOUT
1
mA
Operating temperature range
TOPR
-40 to +85
oC
Storage temperature range
TSTG
-65 to +150
oC
Maximum Junction Temp
TJ
150
oC
Thermal Resistance - Junction to Ambient
TO-92S
RθJA
206
oC/W
TSOT-23
543
Thermal Resistance - Junction to Case
TO-92S
RθJC
148
oC/W
TSOT-23
410
Package Power Dissipation
TO-92S
PD
606
mW
TSOT-23
230
Note: Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute maximum-
rated conditions for extended periods may affect device reliability.
Pin Definition:
1. VCC
2. GND
3. Output
Pin Definition:
1. VCC
2. Output
3. GND


Podobny numer części - TSH251

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TSH251 TSC-TSH251 Datasheet
415Kb / 8P
   Micropower CMOS Output Hall Effect Switch
More results

Podobny opis - TSH251

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TSH251 TSC-TSH251 Datasheet
415Kb / 8P
   Micropower CMOS Output Hall Effect Switch
logo
E-CMOS Corporation
EC2621 E-CMOS-EC2621 Datasheet
435Kb / 7P
   Micropower CMOS Output Hall Effect Switch
EC2622 E-CMOS-EC2622 Datasheet
303Kb / 6P
   Micropower CMOS Output Hall Effect Switch
logo
Shaoxing Devechip Micro...
SDC212 SDC-SDC212 Datasheet
452Kb / 10P
   MicroPower Hall-Effect Switch
SDC1215 SDC-SDC1215 Datasheet
555Kb / 10P
   MicroPower Hall-Effect Switch
SDC213 SDC-SDC213 Datasheet
432Kb / 10P
   MicroPower Hall-Effect Switch
SDC8312 SDC-SDC8312 Datasheet
279Kb / 7P
   MicroPower Hall-Effect Switch
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Major-Power Technology ...
MA7030N MPOWER-MA7030N Datasheet
129Kb / 2P
   MicroPower, Unipolar Hall Effect Switch
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com