Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC847PN Arkusz danych(PDF) 2 Page - Diodes Incorporated

Numer części BC847PN
Szczegółowy opis  COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847PN Arkusz danych(HTML) 2 Page - Diodes Incorporated

  BC847PN_15 Datasheet HTML 1Page - Diodes Incorporated BC847PN_15 Datasheet HTML 2Page - Diodes Incorporated BC847PN_15 Datasheet HTML 3Page - Diodes Incorporated BC847PN_15 Datasheet HTML 4Page - Diodes Incorporated BC847PN_15 Datasheet HTML 5Page - Diodes Incorporated BC847PN_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC847PN
Document number: DS30278 Rev. 13 - 2
2 of 6
www.diodes.com
November 2013
© Diodes Incorporated
BC847PN
Absolute Maximum Ratings: NPN, BC847B Type (Q1) (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Emitter Current
IEM
200
mA
Absolute Maximum Ratings: PNP, BC857B Type (Q2) (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Peak Emitter Current
IEM
-200
mA
Thermal Characteristics – Total Device (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6) Total Device
PD
200
mW
Thermal Resistance, Junction to Ambient (Note 6)
RJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Note:
6. For a device mounted on minimum recommended pad layout with 1oz copper that is on a single-sided 1.6mm FR4 PCB; the device is measured
under still air conditions whilst operating in a steady-state.
Thermal Characteristics – Total Device
0
50
100
150
200
250
0
40
80
120
160
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1, Power Derating Curve (Total Device)
A
°


Podobny numer części - BC847PN_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
BC847PN SECOS-BC847PN_15 Datasheet
699Kb / 3P
   NPN - PNP Silicon Multi-Chip Transistor
More results

Podobny opis - BC847PN_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BC847PNQ DIODES-BC847PNQ Datasheet
491Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
MMDT4413 DIODES-MMDT4413_15 Datasheet
226Kb / 8P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
MMDT3946 DIODES-MMDT3946_15 Datasheet
265Kb / 8P
   40V COMPLEMENTARY NPN-PNP SMALL SIGNAL TRANSISTOR IN SOT363
BCM847BS DIODES-BCM847BS Datasheet
502Kb / 5P
   45V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
June 2022 Rev. 2 - 2
DMMT3904W DIODES-DMMT3904W_15 Datasheet
217Kb / 6P
   40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
BCM857BS DIODES-BCM857BS Datasheet
194Kb / 5P
   45V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
June 2014 Rev. 1 - 2
DMMT3904WQ DIODES-DMMT3904WQ Datasheet
459Kb / 6P
   40V MATCHED PAIR NPN SMALL SIGNAL TRANSISTOR IN SOT363
July 2020 Rev. 1 - 2
DMMT3906W DIODES-DMMT3906W_15 Datasheet
361Kb / 6P
   40V MATCHED PAIR PNP SMALL SIGNAL TRANSISTOR IN SOT363
BCM846BS DIODES-BCM846BS Datasheet
331Kb / 5P
   65V NPN MATCHED PAIR SMALL SIGNAL TRANSISTOR IN SOT363
September 2018 Rev. 1 - 2
BC847PN DIODES-BC847PN_16 Datasheet
458Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com