Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4448HLP-7 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części 1N4448HLP-7
Szczegółowy opis  SURFACE MOUNT FAST SWITCHING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4448HLP-7 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  1N4448HLP-7 Datasheet HTML 1Page - Diodes Incorporated 1N4448HLP-7 Datasheet HTML 2Page - Diodes Incorporated 1N4448HLP-7 Datasheet HTML 3Page - Diodes Incorporated 1N4448HLP-7 Datasheet HTML 4Page - Diodes Incorporated 1N4448HLP-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1N4448HLP
Document number: DS30590 Rev. 13 - 2
1 of 5
www.diodes.com
May 2015
© Diodes Incorporated
1N4448HLP
SURFACE MOUNT FAST SWITCHING DIODE
Features
Fast Switching Speed
Ultra-Small Surface Mount Package
Low Reverse Leakage Current
Ideal for Battery Powered Portable Applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen
and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: X1-DFN1006-2
Case Material: Molded Plastic, "Green" Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Marking Information
Terminals: Finish - NiPdAu over Copper Leadframe; Solderable
per MIL-STD-202, Method 208
Weight: 0.001 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
1N4448HLP-7
X1-DFN1006-2
3,000/Tape & Reel
1N4448HLP-7B
X1-DFN1006-2
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-
free, "Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br +
Cl) and <1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
X1-DFN1006-2
T8 = Product Type Marking Code
1N4448HLP-7
1N4448HLP-7B
Top View
Bar Denotes
Cathode Side
Top View
Dot Denotes
Cathode Side
T8
T8
T8
Top View
Bar Denotes
Cathode Side
e4
1
2
Device Schematic


Podobny numer części - 1N4448HLP-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
1N4448HLP-7 DIODES-1N4448HLP-7 Datasheet
75Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30590 Rev. 5 - 2
1N4448HLP-7 DIODES-1N4448HLP-7 Datasheet
98Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4448HLP-7 DIODES-1N4448HLP-7 Datasheet
105Kb / 5P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4448HLP-7B DIODES-1N4448HLP-7B Datasheet
105Kb / 5P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Podobny opis - 1N4448HLP-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com