Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2250QC25 Arkusz danych(PDF) 11 Page - LOGIC Devices Incorporated

Numer części LF2250QC25
Szczegółowy opis  12 x 10-bit Matrix Multiplier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LODEV [LOGIC Devices Incorporated]
Strona internetowa  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF2250QC25 Arkusz danych(HTML) 11 Page - LOGIC Devices Incorporated

Back Button LF2250QC25 Datasheet HTML 7Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 8Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 9Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 10Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 11Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 12Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 13Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 14Page - LOGIC Devices Incorporated LF2250QC25 Datasheet HTML 15Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DEVICES INCORPORATED
LF2250
12 x 10-bit Matrix Multiplier
Video Imaging Products
11
08/16/2000–LDS.2250-L
SWITCHING WAVEFORMS:
9-TAP FIR FILTER — MODE 01
CLK
CWE1-0
KA, KB, KC
MODE1-0
A, B
1
2
3
13
14
15
CASIN15-0
01
10
11
Kx1
Kx2
Kx3
0
0
1.0
0
01
tPWH
tPWL
tS
tH
tD
CASOUT15-0
12
16
17
Q13
0
0
0
0
Q13
KC1
KC2
KC3
KB1
SWITCHING WAVEFORMS:3 X 3 MATRIX MULTIPLIER — MODE 00
CLK
CWE1-0
KA, KB, KC
MODE1-0
A, B, C
1234
678
X11-0
Y11-0
Z11-0
01
10
11
00
Kx1
Kx2
Kx3
00
1.0
000
00
KA2 + KB2 + KC2
KA1 + KB1 + KC1
KA3 + KB3 + KC3
tPWH
tPWL
tS
tH
tD
5


Podobny numer części - LF2250QC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
LF225RW MPD-LF225RW Datasheet
174Kb / 2P
   Miniature SMT, 2W Wide Input Range DC/DC Converters
LF225RW MPD-LF225RW Datasheet
268Kb / 2P
   LF200RW SERIES
More results

Podobny opis - LF2250QC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
TMC2250A FAIRCHILD-TMC2250A Datasheet
186Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
   12-bit Cascadable Multiplier-Summer
LMU08 LODEV-LMU08 Datasheet
176Kb / 7P
   8 x 8-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
logo
Mitel Networks Corporat...
PDSP16116 MITEL-PDSP16116 Datasheet
270Kb / 17P
   16 X 16 Bit Complex Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com