Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF3304QC12 Arkusz danych(PDF) 1 Page - LOGIC Devices Incorporated

Numer części LF3304QC12
Szczegółowy opis  Dual Line Buffer/FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LODEV [LOGIC Devices Incorporated]
Strona internetowa  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3304QC12 Arkusz danych(HTML) 1 Page - LOGIC Devices Incorporated

  LF3304QC12 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3304QC12 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DEVICES INCORPORATED
Video Imaging Products
1
LF3304
Dual Line Buffer/FIFO
08/16/2000–LDS.3304-F
LF3304
Dual Line Buffer/FIFO
DEVICES INCORPORATED
u
u
u
u
u 100 MHz Data Rate for Video and
other High-Speed Applications
u
u
u
u
u One 24-bit, Two 12-bit, Three
8-bit Data Paths, or One Double
Depth 12-bit
u
u
u
u
u Dual Modes: Line Buffer or FIFO
u
u
u
u
u User-ProgrammableFIFOFlags
u
u
u
u
u User-Resettable Read and Write
Pointers
u
u
u
u
u Single 3.3 V Power Supply,
5 V Tolerant I/O
u
u
u
u
u 100-lead PQFP
FEATURES
DESCRIPTION
The LF3304 is a dual line buffer/
FIFO, designed to operate at HDTV
rates. The LF3304 will operate in
two distinct modes: Line Buffer and
FIFO. In these modes the two memo-
ries can operate independently or
with common control.
The LF3304 comprises two 12-bit 4K
memories configurable in a variety of
ways including: Two 12-bit 4K deep
line buffers (independent lengths),
Three 8-bit 4K deep line buffers
VARIABLE LENGTH RAM ARRAY B
4K x 12-bit
VARIABLE LENGTH RAM ARRAY A
4K x 12-bit
AIN11-0
12
BIN11-0
12
AOUT11-0
12
BOUT11-0
12
OEB
RAM ARRAY 2
CONTROL
LENGTH11-0
WENB
RENB
RRB
RWB
RAM ARRAY 1
CONTROL
WENA
RENA
RRA
RWA
EFB
PAFB
FFB
PAEB
PAEA
FFA
EFA
PAFA
12
ADDRA
LDB
FLAG
GENERATOR
FLAG
GENERATOR
MASTER
CONTROL
MODE1-0
2
WCLKA
RCLKA
WCLKB
RCLKB
LDA
ADDRB
OEA
LF3304 BLOCK DIAGRAM
(common lengths), One 12-bit 8K
deep line buffer, or Two 12-bit 4K
FIFOs (independent operation).
In FIFO mode, independent Read
and Write Resets give the designer
control over the internal pointers
providing flexibility not commonly
found in ordinary FIFOs.
The LF3304 operatates at a maximum
data rate of 100 MHz and is available
in a 100-lead PQFP package.


Podobny numer części - LF3304QC12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LOGIC Devices Incorpora...
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3310QC12 LODEV-LF3310QC12 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3310QC15 LODEV-LF3310QC15 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3312 LODEV-LF3312 Datasheet
940Kb / 33P
   12-Mbit Frame Buffer / FIFO
More results

Podobny opis - LF3304QC12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
WD1510 ETC1-WD1510 Datasheet
332Kb / 4P
   LIFO/FIFO Buffer Register
logo
LOGIC Devices Incorpora...
LF3312 LODEV-LF3312 Datasheet
940Kb / 33P
   12-Mbit Frame Buffer / FIFO
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74AUP2G126 PHILIPS-74AUP2G126 Datasheet
102Kb / 19P
   Low-power dual buffer/line driver
Rev. 01-9 October 2006
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com