Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF43881 Arkusz danych(PDF) 3 Page - LOGIC Devices Incorporated

Numer części LF43881
Szczegółowy opis  8 x 8-bit Digital Filter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LODEV [LOGIC Devices Incorporated]
Strona internetowa  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF43881 Arkusz danych(HTML) 3 Page - LOGIC Devices Incorporated

  LF43881 Datasheet HTML 1Page - LOGIC Devices Incorporated LF43881 Datasheet HTML 2Page - LOGIC Devices Incorporated LF43881 Datasheet HTML 3Page - LOGIC Devices Incorporated LF43881 Datasheet HTML 4Page - LOGIC Devices Incorporated LF43881 Datasheet HTML 5Page - LOGIC Devices Incorporated LF43881 Datasheet HTML 6Page - LOGIC Devices Incorporated LF43881 Datasheet HTML 7Page - LOGIC Devices Incorporated LF43881 Datasheet HTML 8Page - LOGIC Devices Incorporated LF43881 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DEVICES INCORPORATED
LF43881
8 x 8-bit Digital Filter
Video Imaging Products
08/16/2000–LDS.43881-J
3
FILTER CELL DESCRIPTION
8-bit coefficients are loaded into the
C register (CIN7-0) and are output as
COUT7-0 (the COENB signal enables
the COUT7-0 outputs). The path
taken by the coefficients varies
according to the decimation mode
chosen. With no decimation, the
coefficients move directly from the
C register, bypassing all decimation
registers, and are available at the
output on the following clock cycle.
When decimation is chosen, the
coefficient output is delayed by 1, 2,
or 3 clock cycles depending on how
many decimation registers the
coefficients pass through (D1, D2, or
D3). The number of decimation
registers the coefficients pass
through is determined by DCM1-0.
Refer to Table 1 for choosing a
decimation mode.
CIENB enables the C and D registers
for coefficient loading. The registers
are loaded on the rising edge of CLK
when CIENB is LOW. CIENB is
latched and delayed internally which
enables the registers for loading one
clock cycle after CIENB goes active
(loading takes place on the second
rising edge of CLK after CIENB goes
LOW). Therefore, CIENB must be
LOW one clock cycle before the
coefficients are placed on the CIN7-0
inputs. The coefficients are held when
CIENB is HIGH.
DIENB enables the X register for the
loading of data. The X register is
loaded on the rising edge of CLK
when DIENB is LOW. DIENB is
latched and delayed internally (load-
ing takes place on the second rising
edge of CLK after DIENB goes LOW).
Therefore, DIENB must be LOW one
clock cycle before the data is placed on
the DIN7-0 inputs. The X register is
loaded with all zeros when DIENB is
HIGH.
The output of the C register (C8-0) and
X register (X8-0) provide the inputs of
the 8 x 8 multiplier. The multiplier is
followed by two pipeline registers,
registers in the device to be cleared
together. RESET and ERASE are
latched and delayed internally caus-
ing the clearing to occur on the second
clock cycle after RESET and ERASE go
active.
The second method, when only
ERASE is LOW, clears a single accu-
mulator of a selected cell. The cell is
selected using the ADR2-0 inputs
(decoded to Cell n). ERASE is latched
and delayed internally causing the
clearing to occur on the second clock
cycle after ERASE goes active. Refer
to Table 2 for clearing registers and
accumulators.
FIGURE 2.
OUTPUT STAGE DIAGRAM
M REG0 and M REG1. The output of
the multiplier is sign extended and is
used as one of the inputs to the 26-bit
adder. The output of the 26-bit
accumulator provides the second
input to the adder. Both the accumu-
lator and T register are loaded simul-
taneously with the output of the
adder.
The accumulator is loaded with the
output of the adder on every clock
cycle unless cleared. Clearing the
accumulator can be achieved using
two methods. The first method, when
both RESET and ERASE are LOW,
causes all accumulators and all
CELL RESULT
MUX
26
26
26
26
26
OUTPUT
BUFFER
17-0
SIGN
EXTENSION
25-18
26
D
Q
0
18
17-0
SHADD
OUTPUT
MUX
0
1
DQ
25-8
TRI-STATE
BUFFER
26
26
SENBL
SENBH
2
CLK
RESET.D
TO ALL REGISTERS
TO ALL REGISTERS
ADR2-0.D
26
26
26
26
26


Podobny numer części - LF43881

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LOGIC Devices Incorpora...
LF43891 LODEV-LF43891 Datasheet
79Kb / 11P
   9 x 9-bit Digital Filter
LF43891JC33 LODEV-LF43891JC33 Datasheet
79Kb / 11P
   9 x 9-bit Digital Filter
LF43891JC40 LODEV-LF43891JC40 Datasheet
79Kb / 11P
   9 x 9-bit Digital Filter
More results

Podobny opis - LF43881

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LOGIC Devices Incorpora...
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
   2048 X 8 - BIT / 4096 X 8 - BIT EPROM
logo
Samsung semiconductor
K9WAG08U1A_067 SAMSUNG-K9WAG08U1A_067 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9XXG08UXA SAMSUNG-K9XXG08UXA_06 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9WBG08U1M SAMSUNG-K9WBG08U1M Datasheet
1Mb / 67P
   2G x 8 Bit / 4G x 8 Bit / 8G x 8 Bit NAND Flash Memory
logo
LOGIC Devices Incorpora...
LMU08 LODEV-LMU08 Datasheet
176Kb / 7P
   8 x 8-bit Parallel Multiplier
logo
Samsung semiconductor
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WAG08U1M SAMSUNG-K9WAG08U1M Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9G8G08U0A SAMSUNG-K9G8G08U0A Datasheet
1Mb / 45P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com