Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF48410JC25 Arkusz danych(PDF) 9 Page - LOGIC Devices Incorporated

Numer części LF48410JC25
Szczegółowy opis  1024 x 24-bit Video Histogrammer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LODEV [LOGIC Devices Incorporated]
Strona internetowa  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF48410JC25 Arkusz danych(HTML) 9 Page - LOGIC Devices Incorporated

Back Button LF48410JC25 Datasheet HTML 5Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 6Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 7Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 8Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 9Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 10Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 11Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 12Page - LOGIC Devices Incorporated LF48410JC25 Datasheet HTML 13Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DEVICES INCORPORATED
Video Imaging Products
9
LF48410
1024 x 24-bit Video Histogrammer
08/08/2000–LDS.48410-L
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
1234567890123456789012345678901212345678901234
LF48410–
39*
30*
25*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tCYC
Cycle Time
39
30
25
tPWL
Clock Pulse Width Low
15
12
12
tPWH
Clock Pulse Width High
15
12
12
tPS
PIN9-0 Setup Time
16
15
12
tPH
PIN9-0 Hold Time
2
2
2
tDS
DIN23-0 Setup Time
16
15
12
tDH
DIN23-0 Hold Time
2
2
2
tSS
START Setup Time
16
15
12
tSH
START Hold Time
2
2
2
tCY
Read/Write Cycle Time
80
65
55
tAS
Address Setup Time
20
16
13
tAH
Address Hold Time
2
2
2
tWL
WR Pulse Width Low
20
15
12
tWH
WR Pulse Width High
20
15
10
tWDS
DIO23-0 Setup Time
20
16
12
tWDH
DIO23-0 Hold Time
2
2
2
tRL
RD Pulse Width Low
55
43
35
tRH
RD Pulse Width High
20
17
15
tRD
RD Low to DIO23-0 Valid
55
43
35
tOH
RD High to DIO23-0 High Z
0
0
0
tLL
LD Pulse Width
15
12
10
tLS
LD Setup to START
39
30
25
tFS
FCT2-0 Setup Time
15
12
10
tFH
FCT2-0 Hold Time
2
2
2
tFL
FC Pulse Width
35
35
35
tD
Output Delay
24
19
15
tENA
Three-State Output Enable Delay (Note 11)
24
19
18
tDIS
Three-State Output Disable Delay (Note 11)
27
27
18
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
SWITCHING CHARACTERISTICS
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE


Podobny numer części - LF48410JC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Neutrik AG
LF48-1A NEUTRIK-LF48-1A Datasheet
97Kb / 3P
   48 way Longframe B-Gauge Patch Panel, red front panel, extra rugged jack sockets which allow customized normalling
LF48-1D NEUTRIK-LF48-1D Datasheet
100Kb / 3P
   48 way Longframe B-Gauge Patch Panel, blue front panel, extra rugged jack sockets which allow customized normalling
LF48-1O NEUTRIK-LF48-1O Datasheet
89Kb / 3P
   48 way Longframe B-Gauge Patch Panel, black front panel, extra rugged jack sockets which allow customized normalling
LF48-1S NEUTRIK-LF48-1S Datasheet
169Kb / 3P
   48 way Longframe B-Gauge Patch Panel, silver front panel, extra rugged jack sockets which allow customized normalling
logo
LOGIC Devices Incorpora...
LF48212 LODEV-LF48212 Datasheet
59Kb / 9P
   12 x 12-bit Alpha Mixer
More results

Podobny opis - LF48410JC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
MM2102A NSC-MM2102A Datasheet
105Kb / 3P
   1024-Bit (1024 x 1) Static RAMs
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
logo
National Semiconductor ...
DM54S287 NSC-DM54S287 Datasheet
124Kb / 4P
   (256 x 4) 1024-BIT TTL PROM
logo
Advanced Linear Devices
AM27S181 ALD-AM27S181 Datasheet
201Kb / 8P
   8,192-BIT (1024 X 8) BIPOLAR PROM
logo
National Semiconductor ...
DM54S573 NSC-DM54S573 Datasheet
133Kb / 4P
   (1024 X 4) 4096-BIT TTL PROM
logo
Sony Corporation
CXK1012P SONY-CXK1012P Datasheet
473Kb / 10P
   1024-BIT (128WORD X 8 BIT) NON-VOLATILE MEMORY
logo
List of Unclassifed Man...
MU9C1480A ETC1-MU9C1480A Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
logo
National Semiconductor ...
DM54S387 NSC-DM54S387 Datasheet
123Kb / 4P
   256 X 4 1024-Bit TTL PROM
NMC6551 NSC-NMC6551 Datasheet
219Kb / 6P
   1024-Bit (256 x 4) Static RAM
logo
Intel Corporation
M2148H INTEL-M2148H Datasheet
2Mb / 5P
   HIGH SPEED 1024 X BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com