Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1698A Arkusz danych(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1698A
Szczegółowy opis  SAW Filter 2140MHz 60MHz BW SMD 1.4X1.1 mm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1698A Arkusz danych(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1698A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1698A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: SAW Filter 2140MHz 60MHz BW SMD 1.4x1.1 mm
TST Part No.: TA1698A
Customer Part No.:
Checked by:
Andy Yu
Approved by:
Bob Chau
Date:
2013/11/25
1. Customer signed back is required before TST can proceed with sample build and receive orders.
2. Orders received without customer signed back will be regarded as agreement on the specifications.
3. Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Podobny numer części - TA1698A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
TA1698A GOLLEDGE-TA1698A Datasheet
208Kb / 8P
   SAW Filter 2140.0MHz
More results

Podobny opis - TA1698A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1699A TAI-SAW-TA1699A Datasheet
254Kb / 9P
   SAW Filter 2140MHz 60MHz BW SMD 1.1X0.9 mm
TA1696A TAI-SAW-TA1696A Datasheet
329Kb / 8P
   SAW Filter 1950MHz 60MHz BW SMD 1.4X1.1 mm
TA1695A TAI-SAW-TA1695A Datasheet
420Kb / 8P
   SAW Filter 1740MHz 60MHz BW SMD 1.4X1.1 mm
TA2630A TAI-SAW-TA2630A Datasheet
703Kb / 8P
   SAW Filter 1740 MHz (BW 60MHz) SMD 1.4X1.1 mm
TA1699B TAI-SAW-TA1699B Datasheet
477Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
TA1699D TAI-SAW-TA1699D Datasheet
447Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
TA1845A TAI-SAW-TA1845A Datasheet
553Kb / 9P
   SAW Filter 2140MHz 60MHz BW Band 4 Rx SMD 1.1x0.9 mm
TF0098A TAI-SAW-TF0098A Datasheet
383Kb / 12P
   SAW DPX 1950/2140MHz 60MHz BW Single type SMD 2.0횞1.6 mm
TA1818B TAI-SAW-TA1818B Datasheet
474Kb / 8P
   SAW Rx Filter 2140MHz LTE Band 1 SMD 1411 (60MHz BW)
TF0088A TAI-SAW-TF0088A Datasheet
324Kb / 13P
   Duplexer 1960/2140MHz 60MHz BW SMD 2.0횞1.6 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com