Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1711A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1711A
Szczegółowy opis  SAW Filter 2395MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1711A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1711A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1711A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1711A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1711A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1711A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1711A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1711A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 2395MHz
MODEL NO.:TA1711A
REV. NO.:1.0
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (single)
:
Zs = 50 Ω
Terminating load impedance (differential)
:
ZL = 150 Ω//24nH 
Item
Unit
Min.
Type.
Max.
Center Frequency
Fc
MHz
-
2395
-
Insertion Loss (2570~2620 MHz)
IL
dB
-
2.7
3.8
VSWR
(2570~2620 MHz)
-
2.2
2.5
Amplitude ripple(2570~2620 MHz)
dB
-
1.3
2.0
Attenuation
0.1 ~ 200
MHz
dB
50
60
-
200 ~ 1570
MHz
dB
40
45
-
1570 ~ 1580
MHz
dB
40
45
-
1580 ~ 2300
MHz
dB
35
40
-
2300 ~ 2400
MHz
dB
30
35
-
2400 ~ 2485
MHz
dB
20
25
-
2680 ~ 2705
MHz
dB
15
20
-
2705 ~ 3000
MHz
dB
20
25
-
3000 ~ 4000
MHz
dB
35
40
-
Package size
mm
SMD 1.4x1.1
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device (ESD)


Podobny numer części - TA1711A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1713A TAI-SAW-TA1713A Datasheet
470Kb / 7P
   SAW Filter 1370 MHz SMD 3.0횞3.0 mm (BW=60 MHz)
TA1715A TAI-SAW-TA1715A Datasheet
183Kb / 7P
   169.4 MHz 0.2MHz BW SMD 5.0 x 5.0 mm SAW RF Filter
logo
Golledge Electronics Lt...
TA1715A GOLLEDGE-TA1715A Datasheet
151Kb / 7P
   SAW Filter 169.40MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1717A TAI-SAW-TA1717A Datasheet
214Kb / 8P
   SAW Filter 345 MHz
logo
Golledge Electronics Lt...
TA1717A GOLLEDGE-TA1717A Datasheet
126Kb / 7P
   SAW Filter 345.0MHz
More results

Podobny opis - TA1711A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com