Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AZSR216-2A-12D Arkusz danych(PDF) 2 Page - ZETTLER Electronics

Numer części AZSR216-2A-12D
Szczegółowy opis  16 AMP 3-POLE SOLAR POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZETTLER [ZETTLER Electronics]
Strona internetowa  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZSR216-2A-12D Arkusz danych(HTML) 2 Page - ZETTLER Electronics

  AZSR216-2A-12D Datasheet HTML 1Page - ZETTLER Electronics AZSR216-2A-12D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image



  







RELAY ORDERING DATA
COIL SPECIFICATIONS
Nominal Coil
VDC
Must Operate
VDC
Max. Continuous
VDC
Coil Resistance
Ohm ± 10%
ORDER NUMBER*
2 Form A
3 Form A
12
9.6
13.2
85
AZSR216-2A-12D
AZSR316-3A-12D
24
19.2
26.4
345
AZSR216-2A-24D
AZSR316-3A-24D
MECHANICAL DATA
PC BOARD LAYOUT
WIRING DIAGRAMS
Viewed toward terminals
Viewed toward terminals
22
11,25
8 x ø 1,5
6 x ø 1,5
*
*
*
*not used on AZ SR216
8,3
7,6
8,85
8,3
8,3
11
11
1,2 x 0,5
36,1
38,6
11
11
45
6
7
8
9
A
B
AZSR216/316
*“2A” or “3A” denote silver cadmium oxide contacts.
Add suffix “B” at “2A” or “3A” for silver nickel contacts.



















 

2014-09-08
Max. DC breaking Capacity
A: resistive load DC1
B: inductive load L/R = 40 ms
Dimensions in mm.
Tolerance: ± 0.25 mm
Discontinuation Notice
Discontinuation date:
31.12.2014
Date of last order:
31.03.2015
Recommended replacement:
RUC


Podobny numer części - AZSR216-2A-12D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ZETTLER Electronics
AZSR216-2A-12D ZETTLER-AZSR216-2A-12D Datasheet
288Kb / 2P
   16 AMP 3-POLE SOLAR POWER RELAY
More results

Podobny opis - AZSR216-2A-12D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ZETTLER Electronics
AZSR216 ZETTLER-AZSR216 Datasheet
288Kb / 2P
   16 AMP 3-POLE SOLAR POWER RELAY
logo
Picker Components
PC703 PICKER-PC703 Datasheet
193Kb / 2P
   1 Pole To 3 Pole 10 Amp Plug In Relay
logo
Fujitsu Component Limit...
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
logo
Hongfa Technology
HF172F-140 HONGFA-HF172F-140 Datasheet
56Kb / 2P
   SOLAR RELAY
HF161F-W HONGFA-HF161F-W_V01 Datasheet
590Kb / 3P
   SOLAR RELAY
HF116F-G HONGFA-HF116F-G Datasheet
75Kb / 4P
   SOLAR RELAY
HF167F HONGFA-HF167F Datasheet
57Kb / 2P
   SOLAR RELAY
HF170F HONGFA-HF170F Datasheet
63Kb / 2P
   SOLAR RELAY
HF172F-100 HONGFA-HF172F-100 Datasheet
57Kb / 2P
   SOLAR RELAY
HF176F HONGFA-HF176F Datasheet
54Kb / 2P
   SOLAR RELAY
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com