Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK900 Arkusz danych(PDF) 7 Page - SamHop Microelectronics Corp.

Numer części STK900
Szczegółowy opis  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STK900 Arkusz danych(HTML) 7 Page - SamHop Microelectronics Corp.

  STK900 Datasheet HTML 1Page - SamHop Microelectronics Corp. STK900 Datasheet HTML 2Page - SamHop Microelectronics Corp. STK900 Datasheet HTML 3Page - SamHop Microelectronics Corp. STK900 Datasheet HTML 4Page - SamHop Microelectronics Corp. STK900 Datasheet HTML 5Page - SamHop Microelectronics Corp. STK900 Datasheet HTML 6Page - SamHop Microelectronics Corp. STK900 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
STK900
www.samhop.com.tw
Jun,22,2011
7
SOT-89 Tape
SOT-89 Carrier Tape
unit:
SECTION A-A
PACKAGE
SOP 8N
150
A1
B1
B2
CD
E
B3
G
H
J
K
4.85
4.45
1.85
0.254
1.75
0.10
5.5
0.05
1.50
0.10
1.5
0.25
12.0
0.10
0.10
0.10
0.02
A
A
H
C
E
D
J
4.0
0.10
8.0
0.10
2.0
0.05
F
+0.30
0.10
10C
40.0
0.20
8 Max.
A1
SECTION B-B
B2
B3
12 Max.
Ver 1.0


Podobny numer części - STK900

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
STK984-090A-E ONSEMI-STK984-090A-E Datasheet
413Kb / 20P
   3-phase Brushless DC Motor Driver
March, 2014
STK984-091A-E ONSEMI-STK984-091A-E Datasheet
69Kb / 7P
   3-phase Brush-less DC Motor Driver IC
April, 2013
STK984-190-E ONSEMI-STK984-190-E Datasheet
576Kb / 9P
   Mini Buck Converter for RF Power Amplifiers
October 2015 - Rev. P0
STK984-190-E ONSEMI-STK984-190-E Datasheet
698Kb / 11P
   MOSFET Power Module 40 V, 30 A, Compact DIP
June 2016 - Rev. 0
STK984-190-E ONSEMI-STK984-190-E_16 Datasheet
698Kb / 11P
   MOSFET Power Module 40 V, 30 A, Compact DIP
June 2016 - Rev. 0
More results

Podobny opis - STK900

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com