Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FZT956 Arkusz danych(PDF) 5 Page - Diodes Incorporated

Numer części FZT956
Szczegółowy opis  200V PNP MEDIUM POWER TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT956 Arkusz danych(HTML) 5 Page - Diodes Incorporated

  FZT956_15 Datasheet HTML 1Page - Diodes Incorporated FZT956_15 Datasheet HTML 2Page - Diodes Incorporated FZT956_15 Datasheet HTML 3Page - Diodes Incorporated FZT956_15 Datasheet HTML 4Page - Diodes Incorporated FZT956_15 Datasheet HTML 5Page - Diodes Incorporated FZT956_15 Datasheet HTML 6Page - Diodes Incorporated FZT956_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FZT956
Datasheet Number: DS36119 Rev. 5 - 2
5 of 7
www.diodes.com
March 2015
© Diodes Incorporated
FZT956
A Product Line of
Diodes Incorporated
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)


Podobny numer części - FZT956_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
FZT956 DIODES-FZT956_17 Datasheet
455Kb / 7P
   200V PNP MEDIUM POWER TRANSISTOR
More results

Podobny opis - FZT956_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
ZX5T1951GTA DIODES-ZX5T1951GTA Datasheet
215Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT549 DIODES-FZT549_15 Datasheet
523Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT591 DIODES-FZT591_15 Datasheet
462Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT593 DIODES-FZT593_15 Datasheet
562Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT955 DIODES-FZT955_15 Datasheet
638Kb / 7P
   140V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT957 DIODES-FZT957_15 Datasheet
788Kb / 7P
   300V PNP MEDIUM POWER TRANSISTOR IN SOT223
ZXTP19060CG DIODES-ZXTP19060CG_15 Datasheet
836Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT953 DIODES-FZT953_15 Datasheet
315Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT755 DIODES-FZT755_15 Datasheet
620Kb / 7P
   150V PNP MEDIUM POWER TRANSISTOR IN SOT223
FZT717 DIODES-FZT717_15 Datasheet
693Kb / 7P
   12V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com