Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STU25L01 Arkusz danych(PDF) 4 Page - SamHop Microelectronics Corp.

Numer części STU25L01
Szczegółowy opis  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU25L01 Arkusz danych(HTML) 4 Page - SamHop Microelectronics Corp.

  STU25L01 Datasheet HTML 1Page - SamHop Microelectronics Corp. STU25L01 Datasheet HTML 2Page - SamHop Microelectronics Corp. STU25L01 Datasheet HTML 3Page - SamHop Microelectronics Corp. STU25L01 Datasheet HTML 4Page - SamHop Microelectronics Corp. STU25L01 Datasheet HTML 5Page - SamHop Microelectronics Corp. STU25L01 Datasheet HTML 6Page - SamHop Microelectronics Corp. STU25L01 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STU25L01
Ver 1.0
www.samhop.com.tw
Apr,18,2012
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
180
150
120
90
60
30
0
24
6
8
10
0
10
1
00 . 3
20
1.5
0.6
0 .9
1.2
1800
1500
1200
900
600
300
0
10
15
20
25
30
10
8
6
4
2
0
04
8
12
16
20
24
28
32
VDS=50V
ID=12.5A
0.1
1
10
100
100
10
1
0.3
125 C
75 C
25 C
ID=12.5A
25 C
125 C
75 C
Ciss
Coss
Crss
110
100
1
10
100
500
VDS=50V,ID=1A
VGS=10V
60
6
0
5
VGS=10V
Single Pulse
TA=25 C
TD(on)
Tr
TD(off )
Tf


Podobny numer części - STU25L01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
STU2555NL SAMHOP-STU2555NL Datasheet
868Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STU25N03L SAMHOP-STU25N03L Datasheet
784Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STU25N03L VBSEMI-STU25N03L Datasheet
914Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Podobny opis - STU25L01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com