Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STU310DH Arkusz danych(PDF) 10 Page - SamHop Microelectronics Corp.

Numer części STU310DH
Szczegółowy opis  Dual E nhancementMode Field E ffect Transistor ( N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU310DH Arkusz danych(HTML) 10 Page - SamHop Microelectronics Corp.

Back Button STU310DH Datasheet HTML 3Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 4Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 5Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 6Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 7Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 8Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 9Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 10Page - SamHop Microelectronics Corp. STU310DH Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
S T U310DH
A
B
C
M
D
G
S
P
H
J
K
L
Millimeters
MI N
MA X
A
6.40
6.80
B
5.2
5.50
C
6.80
10.20
D
2.20
3.00
P
S
0.50
0.80
G
0.40
0.60
H
2.20
2.40
J
0.45
0.60
K
0
0.15
L
0.90
1.50
M
5.40
5.80
REF .
1.27 REF .
T O-252-4L
P A C K A G E OUT L INE DIME NS IONS


Podobny numer części - STU310DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
More results

Podobny opis - STU310DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
STM8309 SAMHOP-STM8309 Datasheet
512Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU405DH SAMHOP-STU405DH Datasheet
120Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU407D SAMHOP-STU407D Datasheet
879Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU409DH SAMHOP-STU409DH Datasheet
849Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8457 SAMHOP-STM8457 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8450 SAMHOP-STM8450 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8405 SAMHOP-STM8405 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STS2620 SAMHOP-STS2620 Datasheet
926Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com