Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STU314D Arkusz danych(PDF) 11 Page - SamHop Microelectronics Corp.

Numer części STU314D
Szczegółowy opis  Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU314D Arkusz danych(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button STU314D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 9Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 10Page - SamHop Microelectronics Corp. STU314D Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
STU314D
www.samhop.com.tw
Feb,04,2009
11
TO-252-4L Carrier Tape
TO-252-4L Tape and Reel Data
TO-252-4L Reel
FEED DIRECTION
D0
P0
P2
P1
D1
A
A
A0
Max
6
Max
4
K0
T
SECTION A-A
SECTION B-B
°
°
UNIT:
PACKAGE
TO-252
(16
A0
B0
K0
D0
D1
E
E1
E2
P0
P1
P2
T
6.96
0.1
10.49
2.79
2
1.5
+ 0.1
- 0
16.0
0.3
1.75
0.1
7.5
0.15
8.0
0.1
4.0
0.1
2.0
0.15
0.3
0.05
0.1
0.1
UNIT:
TAPE SIZE
16
REEL SIZE
330
M
N
W
T
H
K
S
G
R
V
330
0.5
97
1.0
17.0
+ 1.5
- 0
2.2
13.0
+ 0.5
- 0.2
10.6
2.0
0.5
T
W
G
V
R
S
H
Ver 1.0


Podobny numer części - STU314D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
STU310DH SAMHOP-STU310DH Datasheet
296Kb / 11P
   Dual E nhancementMode Field E ffect Transistor ( N and P Channel)
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
logo
SamHop Microelectronics...
STU312D SAMHOP-STU312D Datasheet
177Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
logo
VBsemi Electronics Co.,...
STU312D VBSEMI-STU312D Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
logo
SamHop Microelectronics...
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results

Podobny opis - STU314D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com