Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STU630S Arkusz danych(PDF) 7 Page - SamHop Microelectronics Corp.

Numer części STU630S
Szczegółowy opis  Super high dense cell design for low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU630S Arkusz danych(HTML) 7 Page - SamHop Microelectronics Corp.

  STU630S Datasheet HTML 1Page - SamHop Microelectronics Corp. STU630S Datasheet HTML 2Page - SamHop Microelectronics Corp. STU630S Datasheet HTML 3Page - SamHop Microelectronics Corp. STU630S Datasheet HTML 4Page - SamHop Microelectronics Corp. STU630S Datasheet HTML 5Page - SamHop Microelectronics Corp. STU630S Datasheet HTML 6Page - SamHop Microelectronics Corp. STU630S Datasheet HTML 7Page - SamHop Microelectronics Corp. STU630S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.samhop.com.tw
Jan,18,2013
7
TO-252
0.200
0.400
0.889
5.300
8.900
0.508 REF.
L4
0.500
2.290 REF
b1
6.300
6.731
b
L3
1.397
1.770
L1
A1
2.743 REF.
L2
5.515
4.900
1
2
3
E1
D
E
b2
D1
L3
L4
b1
e
b
H
C
A
DETAIL "A"
1
L
L1
A1
L2
DETAIL "A"
A
2.100
2.500
MAX
MIN
0.000
0.770
1.140
C
0.400
0.600
D
6.223
D1
E
e
10.400
L
H
1.100
1
REF.
10°
MAX
MIN
MILLIMETERS
INCHES
0.083
0.098
0.000
0.008
0.016
0.035
0.030
0.045
0.016
0.024
0.209
0.245
0.193
0.217
0.248
0.265
0.090 BSC
0.350
0.409
0.055
0.070
0.108 REF.
0.020 REF.
0.020
0.043
REF.
10°
SYMBOLS
E1
4.400
5.004
0.173
0.197
b2
4.800
5.460
0.189
0.215
1.700
0.890
0.035
0.067
Ver 1.0
STU/D630S


Podobny numer części - STU630S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN DOINGTER SEMIC...
STU630S DOINGTER-STU630S Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
More results

Podobny opis - STU630S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com