Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3467 Arkusz danych(PDF) 2 Page - Central Semiconductor Corp

Numer części 2N3467
Szczegółowy opis  SILICON PNP TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3467 Arkusz danych(HTML) 2 Page - Central Semiconductor Corp

  2N3467 Datasheet HTML 1Page - Central Semiconductor Corp 2N3467 Datasheet HTML 2Page - Central Semiconductor Corp 2N3467 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N3467
2N3468
SILICON
PNP TRANSISTORS
TO-39 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING: FULL PART NUMBER
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
2N3467
2N3468
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
fT
VCE=10V, IC=50mA, f=100MHz
175
-
150
-
MHz
Cob
VCB=10V, IE=0, f=100kHz
-
25
-
25
pF
Cib
VEB=0.5V, IC=0, f=100kHz
-
100
-
100
pF
ton
VCC=30V, VBE=2.0V, IC=500mA, IB1=50mA
-
40
-
40
ns
toff
VCC=30V, IC=500mA, IB1=IB2=50mA
-
90
-
90
ns
QT
VCC=30V, IC=500mA, IB=50mA
-
6.0
-
6.0
nC
www.centr a lsemi.com
R2 (26-July 2013)


Podobny numer części - 2N3467

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semicoa Semiconductor
2N3467 SEMICOA-2N3467 Datasheet
52Kb / 2P
   Type 2N3467 Geometry 6706 Polarity PNP
logo
Seme LAB
2N3467 SEME-LAB-2N3467 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
logo
Central Semiconductor C...
2N3467 CENTRAL-2N3467 Datasheet
22Kb / 1P
   Small Signal Transistors
2N3467 CENTRAL-2N3467 Datasheet
80Kb / 1P
   Small Signal Transistor PNP- Saturated Switch Transistor Chip
logo
Microsemi Corporation
2N3467 MICROSEMI-2N3467 Datasheet
59Kb / 2P
   PNP SILICON SWITCHING TRANSISTOR
More results

Podobny opis - 2N3467

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
   PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
   PNP SILICON TRANSISTORS
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
   Silicon PNP Transistors
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
   PNP Silicon Transistors
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
   PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
   PNP Silicon Transistors
2SA562-O MCC-2SA562-O Datasheet
332Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
   Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
   Silicon PNP Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com