Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3494 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części 2N3494
Szczegółowy opis  SILICON PNP TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3494 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  2N3494 Datasheet HTML 1Page - Central Semiconductor Corp 2N3494 Datasheet HTML 2Page - Central Semiconductor Corp 2N3494 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N3494
2N3495
SILICON
PNP TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3494 and 2N3495
are silicon PNP transistors designed for general purpose
amplifier and switching applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
2N3494
2N3495
UNITS
Collector-Base Voltage
VCBO
80
120
V
Collector-Emitter Voltage
VCEO
80
120
V
Emitter-Base Voltage
VEBO
4.5
V
Continuous Collector Current
IC
100
mA
Power Dissipation
PD
0.6
W
Power Dissipation (TC=25°C)
PD
3.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
2N3494
2N3495
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICBO
VCB=50V (2N3494)
-
100
-
-
nA
ICBO
VCB=90V (2N3495)
-
-
-
100
nA
IEBO
VEB=3.0V
-
25
-
25
nA
BVCBO
IC=10μA
80
-
120
-
V
BVCEO
IC=10mA
80
-
120
-
V
BVEBO
IE=10μA
4.5
-
4.5
-
V
VCE(SAT)
IC=10mA, IB=1.0mA
-
0.3
-
0.35
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.6
0.9
0.6
0.9
V
hFE
VCE=10V, IC=100μA
35
-
35
-
hFE
VCE=10V, IC=1.0mA
40
-
40
-
hFE
VCE=10V, IC=10mA
40
-
40
-
hFE
VCE=10V, IC=50mA
40
-
40
-
hFE
VCE=10V, IC=100mA
35
-
-
-
fT
VCE=10V, IC=20mA, f=100MHz
200
-
150
-
MHz
Cob
VCB=10V, IE=0, f=100kHz
-
7.0
-
6.0
pF
Cib
VEB=2.0V, IC=0, f=100kHz
-
30
-
30
pF
hie
VCE=10V, IC=10mA, f=1.0kHz
0.1
1.2
0.1
1.2
hre
VCE=10V, IC=10mA, f=1.0kHz
-
2.0
-
2.0
x10-4
hfe
VCE=10V, IC=10mA, f=1.0kHz
40
300
40
300
hoe
VCE=10V, IC=10mA, f=1.0kHz
-
300
-
300
μS
Re(hie)
VCE=10V, IC=20mA, f=300MHz
-
30
-
30
Ω
ton
VCC=30V, IC=10mA, IB1=1.0mA
-
300
-
300
ns
toff
VCC=30V, IC=10mA, IB1=IB2=1.0mA
-
1.0
-
1.0
ms
TO-39 CASE
R0 (11-March 2015)
www.centr a lsemi.com


Podobny numer części - 2N3494

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N3494 CENTRAL-2N3494 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
Raytheon Company
2N3494 RAYTHEON-2N3494 Datasheet
777Kb / 12P
   Medium Current General Purpose Amplifiers and Switches
logo
New Jersey Semi-Conduct...
2N3494 NJSEMI-2N3494 Datasheet
199Kb / 2P
   SPRINGFIELD, NEW JERSEY 07081
2N3494 NJSEMI-2N3494 Datasheet
83Kb / 2P
   GENERAL PURPOSE TRANSISTOR
More results

Podobny opis - 2N3494

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
   PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
   PNP SILICON TRANSISTORS
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
   Silicon PNP Transistors
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
   PNP Silicon Transistors
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
   PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
   PNP Silicon Transistors
2SA562-O MCC-2SA562-O Datasheet
332Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
   Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
   Silicon PNP Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com