Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3583 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części 2N3583
Szczegółowy opis  SILICON NPN TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3583 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  2N3583_15 Datasheet HTML 1Page - Central Semiconductor Corp 2N3583_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
2N3583
2N3584
2N3585
UNITS
Collector-Base Voltage
VCBO
250
375
500
V
Collector-Emitter Voltage
VCEO
175
250
300
V
Emitter-Base Voltage
VEBO
6.0
6.0
6.0
V
Continuous Collector Current
IC
1.0
2.0
2.0
A
Peak Collector Current
ICM
5.0
A
Continuous Base Current
IB
1.0
A
Power Dissipation
PD
35
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
5.0
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
2N3583
2N3584
2N3585
SYMBOL
TEST CONDITIONS
MIN MAX
MIN MAX
MIN MAX
UNITS
ICEV
VCE=225V, VEB=1.5V
-
1.0
-
-
-
-
mA
ICEV
VCE=340V, VEB=1.5V
-
-
-
1.0
-
-
mA
ICEV
VCE=450V, VEB=1.5V
-
-
-
-
-
1.0
mA
ICEV
VCE=225V, VEB=1.5V, TC=150°C
-
3.0
-
-
-
-
mA
ICEV
VCE=300V, VEB=1.5V, TC=150°C
-
-
-
3.0
-
3.0
mA
ICEO
VCE=150V
-
10
-
5.0
-
5.0
mA
IEBO
VBE=6.0V
-
5.0
-
0.5
-
0.5
mA
BVCEO
IC=200mA
175
-
250
-
300
-
V
VCE(SAT)
IC=1.0A, IB=125mA
-
5.0
-
0.75
-
0.75
V
VBE(SAT)
IC=1.0A, IB=100mA
-
-
-
1.4
-
1.4
V
VBE(ON)
VCE=10V, IC=1.0A
-
1.4
-
1.4
-
1.4
V
hFE
VCE=10V, IC=100mA
40
-
40
-
40
-
hFE
VCE=10V, IC=500mA
40
200
-
-
-
-
hFE
VCE=2.0V, IC=1.0A
-
-
8.0
80
8.0
80
hFE
VCE=10V, IC=1.0A
10
-
25
100
25
100
fT
VCE=10V, IC=200mA, f=5.0MHz
10
-
10
-
10
-
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
-
120
-
120
-
120
pF
hfe
VCE=30V, IC=100mA, f=1.0kHz
25
350
-
-
-
-
tr
VCC=200V, IC=1.0A, IB1=100mA, RL=200Ω -
-
-
3.0
-
3.0
μs
ts
VCC=200V, IC=1.0A, IB1=IB2=100mA
-
-
-
4.0
-
4.0
μs
tf
VCC=200V, IC=1.0A, IB1=IB2=100mA
-
-
-
3.0
-
3.0
μs
IS/b
VCE=100V
350
-
350
-
350
-
mA
2N3583
2N3584
2N3585
SILICON
NPN TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3583 series
devices are silicon NPN transistors designed for high
speed switching and high voltage amplifier applications.
MARKING: FULL PART NUMBER
TO-66 CASE
R3 (2-September 2014)
www.centr a lsemi.com


Podobny numer części - 2N3583_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comset Semiconductor
2N3583 COMSET-2N3583_12 Datasheet
102Kb / 3P
   NPN SILICON POWER TRANSISTORS.
More results

Podobny opis - 2N3583_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com