Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3701 Arkusz danych(PDF) 2 Page - Central Semiconductor Corp

Numer części 2N3701
Szczegółowy opis  SILICON NPN TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3701 Arkusz danych(HTML) 2 Page - Central Semiconductor Corp

  2N3701 Datasheet HTML 1Page - Central Semiconductor Corp 2N3701 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3700
2N3701
SILICON
NPN TRANSISTORS
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING:
FULL PART NUMBER
TO-18 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
2N3700
2N3701
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
fT
VCE=10V, IC=50mA, f=20MHz
100
400
80
400
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
-
12
-
12
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
-
60
-
60
pF
hfe
VCE=5.0V, IC=1.0mA, f=1.0kHz
80
400
30
200
rb’Cc
VCB=10V, IE=10mA, f=4.0MHz
25
400
25
400
pS
NF
VCE=10V, IC=100μA, f=1.0kHz, RS=1.0kΩ
-
4.0
-
4.0
dB
www.centr a lsemi.com
R1 (4-March 2014)


Podobny numer części - 2N3701

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
2N3701 NJSEMI-2N3701 Datasheet
130Kb / 1P
   NPN SMALL SIGNAL GENERAL PURPOSE AMPLIFIERS
logo
Continental Device Indi...
2N3701 CDIL-2N3701 Datasheet
261Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Central Semiconductor C...
2N3701 CENTRAL-2N3701 Datasheet
534Kb / 1P
   Small Signal Transistors
More results

Podobny opis - 2N3701

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com