Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2500 Arkusz danych(PDF) 1 Page - Won-Top Electronics

Numer części BD2500
Szczegółowy opis  25A BOSCH TYPE PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WTE [Won-Top Electronics]
Strona internetowa  http://www.wontop.com
Logo WTE - Won-Top Electronics

BD2500 Arkusz danych(HTML) 1 Page - Won-Top Electronics

  BD2500 Datasheet HTML 1Page - Won-Top Electronics BD2500 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: April, 2012
1
Pb
Features
Diffused Junction
Low Leakage
Low Cost
Anode
+
High Surge Current Capability
Typical IR less than 5.0µA
C
Mechanical Data
D
E
Case: 13mm Bosch Type Press-Fit
Terminals: Contact Areas Readily Solderable
B
Polarity: Cathode to Case (Reverse Units Are
Available Upon Request and Are Designated
By A “R” Suffix, i.e. BD2502R or BD2504R)
A
Polarity: Red Color Equals Standard,
Black Color Equals Reverse Polarity
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
BD2500 BD2501 BD2502 BD2503 BD2504 BD2505 BD2506
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
V
Average Rectified Output Current
@TC = 150°C
IO
25
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
300
A
Forward Voltage
@IF = 25A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Typical Junction Capacitance (Note 1)
CJ
300
pF
Typical Thermal Resistance (Note 2)
RθJC
1.2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
BD2500 – BD2506
25A BOSCH TYPE PRESS-FIT DIODE
WON-TOP ELECTRONICS
®
13mm Bosch
Dim
Min
Max
A
12.80
13.20
B
9.40
C
1.25
1.31
D
28.00
E
9.90
11.10
All Dimensions in mm


Podobny numer części - BD2500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
BD2500 WTE-BD2500 Datasheet
48Kb / 3P
   25A BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500_06 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
More results

Podobny opis - BD2500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
BD2500 WTE-BD2500_06 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500 Datasheet
48Kb / 3P
   25A BOSCH TYPE PRESS-FIT DIODE
BD25160 WTE-BD25160 Datasheet
31Kb / 2P
   25A HIGH VOLTAGE BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000 Datasheet
23Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_14 Datasheet
32Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_06 Datasheet
30Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_06 Datasheet
30Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_14 Datasheet
32Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500 Datasheet
23Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD3520 WTE-BD3520 Datasheet
29Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com