Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA4012 Arkusz danych(PDF) 1 Page - Tyco Electronics

Numer części SMA4012
Szczegółowy opis  1.0 TO 4.0 GHz TO-8 CASCADABLE AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA4012 Arkusz danych(HTML) 1 Page - Tyco Electronics

  SMA4012 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc =
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· WIDE BANDWIDTH: 1.0 TO 4.0 GHz
· HIGH GAIN: 18 dB (TYP.)
· MEDIUM OUTPUT POWER: +15.5 dBm (TYP.)
· LOW NOISE FIGURE: 3.5 dB (TYP.)
A4012/SMA4012
1.0 TO 4.0 GHz
TO-8 CASCADABLE AMPLIFIER
Specifications (Rev. Date: 2/02)*
Measured in a 50-ohm system at +5 Vdc Nominal. Subject to change without notice.
BG
AA
CE
0.8-4.5 GHz
18.0 dB
±0.4 dB
36 dB
3.5 dB
15.5 dBm
+26 dBm
+34 dBm
+49 dBm
1.7:1 / 1.7:1
65 mA
1.0-4.0 GHz
17.5 dB
±0.6 dB
14.0 dBm
4.0 dB
14.5 dBm
2.0:1 / 2.0:1
78 mA
1.9:1 / 1.9:1
73 mA
1.0-4.0 GHz
17.0 dB
±0.8 dB
4.5 dB
-65° to +125°C
125°C
+6 Volts
+13 dBm
100 mW
0.25 W
125°C
132°C/W
0.171 W
24°C
A4012
SMA4012
CA4012
5 Volts (max.)
5 Vdc
*


Podobny numer części - SMA4012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SMA4012 ETC1-SMA4012 Datasheet
96Kb / 1P
   1.0 TO 4.0 GHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
SMA4012 MACOM-SMA4012 Datasheet
360Kb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
SMA4012 MA-COM-SMA4012 Datasheet
1Mb / 2P
   Cascadable Amplifier 1000 to 4000 MHz
More results

Podobny opis - SMA4012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
A4012 ETC1-A4012 Datasheet
96Kb / 1P
   1.0 TO 4.0 GHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC457 TELEDYNE-AC457 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC509 TELEDYNE-AC509 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC453 TELEDYNE-AC453 Datasheet
177Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC513 TELEDYNE-AC513 Datasheet
173Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC534 TELEDYNE-AC534 Datasheet
177Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC2348 TELEDYNE-AC2348 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC548 TELEDYNE-AC548 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC2205 TELEDYNE-AC2205 Datasheet
190Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AP108 TELEDYNE-AP108 Datasheet
190Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com