Zakładka z wyszukiwarką danych komponentów |
|
2N4915 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp |
|
2N4915 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp |
1 / 2 page 2N4904 2N4905 2N4906 PNP 2N4913 2N4914 2N4915 NPN COMPLEMENTARY SILICON POWER TRANSISTORS DESCRIPTION: The CENTRAL SEMICONDUCTOR 2N4904, 2N4913 series types are complementary silicon power transistors, manufactured by the epitaxial base process, designed for general purpose amplifier and switching applications. MARKING: FULL PART NUMBER 2N4904 2N4905 2N4906 MAXIMUM RATINGS: (TC=25°C) SYMBOL 2N4913 2N4914 2N4915 UNITS Collector-Base Voltage VCBO 40 60 80 V Collector-Emitter Voltage VCEO 40 60 80 V Emitter-Base Voltage VEBO 5.0 V Continuous Collector Current IC 5.0 A Continuous Base Current IB 1.0 A Power Dissipation PD 87.5 W Operating and Storage Junction Temperature TJ, Tstg -65 to +200 °C Thermal Resistance JC 2.0 °C/W ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted) PNP NPN SYMBOL TEST CONDITIONS MIN MAX MIN MAX UNITS ICBO VCB=Rated VCBO - 0.1 - 1.0 mA ICEO VCE=Rated VCEO - 1.0 - 1.0 mA ICEV VCE=Rated VCEO, VBE=1.5V - 0.1 - 1.0 mA ICEV VCE=Rated VCEO, VBE=1.5V, TC=150°C - 2.0 - 2.0 mA IEBO VEB=5.0V - 1.0 - 1.0 mA BVCEO IC=200mA (2N4904, 2N4913) 40 - 40 - V BVCEO IC=200mA (2N4905, 2N4914) 60 - 60 - V BVCEO IC=200mA (2N4906, 2N4915) 80 - 80 - V VCE(SAT) IC=2.5A, IB=250mA - 1.0 - 1.0 V VCE(SAT) IC=5.0A, IB=1.0A - 1.5 - 1.5 V VBE(ON) VCE=2.0V, IC=2.5A - 1.4 - 1.4 V hFE VCE=2.0V, IC=2.5A 25 100 25 100 hFE VCE=2.0V, IC=5.0A 7.0 - 7.0 - hfe VCE=10V, IC=500mA, f=1.0kHz 40 - 20 - fT VCE=10V, IC=1.0A, f=1.0MHz 4.0 - 4.0 - MHz TO-3 CASE R1 (7-March 2013) www.centr a lsemi.com |
Podobny numer części - 2N4915 |
|
Podobny opis - 2N4915 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |