Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM-176PIN Arkusz danych(PDF) 1 Page - Tyco Electronics

Numer części AM-176PIN
Szczegółowy opis  Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-176PIN Arkusz danych(HTML) 1 Page - Tyco Electronics

  AM-176PIN Datasheet HTML 1Page - Tyco Electronics AM-176PIN Datasheet HTML 2Page - Tyco Electronics AM-176PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
4.0 dB Typical Noise Figure
n
13.5 dBm Typical Midband 1 dB Compression
n
1.25:1 Typical VSWR
Description
M/A-COM’s AM-176 is a feedback amplifier with high
intercept and compression points. This amplifier is
packaged in a TO-8 package. Due to the internal power
dissipation the thermal rise should be minimized.
The
ground plane on the PC board should be configured to
remove heat from under the package. AM-176 is ideally
suited for use where a high intercept, high reliability
amplifier is required.
Cascadable Thin Film Amplifier,
13 dB Gain, 5 - 1000 MHz
TO-8-1
C-32
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
V 3.00


Podobny numer części - AM-176PIN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM-176PIN MACOM-AM-176PIN Datasheet
160Kb / 3P
   Cascadable Thin Film Amplifier 13 dB Gain, 5 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-176PIN MA-COM-AM-176PIN Datasheet
83Kb / 3P
   Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
AM-176PIN MA-COM-AM-176PIN Datasheet
613Kb / 4P
   Cascadable Thin Film Amplifier
More results

Podobny opis - AM-176PIN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
AM-176 MA-COM-AM-176 Datasheet
83Kb / 3P
   Cascadable Thin Film Amplifier, 13 dB Gain, 5 - 1000 MHz
logo
Tyco Electronics
AM-176 MACOM-AM-176 Datasheet
160Kb / 3P
   Cascadable Thin Film Amplifier 13 dB Gain, 5 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-182 MA-COM-AM-182 Datasheet
87Kb / 3P
   Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
logo
Tyco Electronics
AM-AMC-182 MACOM-AM-AMC-182 Datasheet
219Kb / 3P
   Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
AM-182 MACOM-AM-182 Datasheet
259Kb / 3P
   Cascadable Thin Film Amplifier 28 dB Gain, 5 - 1000 MHz
AM-177 MACOM-AM-177 Datasheet
193Kb / 2P
   Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
AM-183 MACOM-AM-183 Datasheet
154Kb / 3P
   Cascadable Thin Film Amplifier 28.5 dB Gain, 10 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
   Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 1000 MHz
AM-183 MA-COM-AM-183 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier, 28.5 dB Gain, 10 - 1000 MHz
logo
Tyco Electronics
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
   Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com