Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM-AMC-184 Arkusz danych(PDF) 2 Page - Tyco Electronics

Numer części AM-AMC-184
Szczegółowy opis  Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-AMC-184 Arkusz danych(HTML) 2 Page - Tyco Electronics

  AM-AMC-184 Datasheet HTML 1Page - Tyco Electronics AM-AMC-184 Datasheet HTML 2Page - Tyco Electronics AM-AMC-184 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
AM-/AMC-184
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Electrical Specifications
2,3 T
A = -55°C to +85°C Case Temperature
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
@ +25°C
1000 MHz
dB
19.0
20.0
21.0
Frequency Response
10 - 2000 MHz
dB
±1.5
Gain Variation with
Temperature
10 - 2000 MHz
dB
±1.5
1 dB Compression
Output Power
10 - 2000 MHz
dBm
+10
Noise Figure
10 - 2000 MHz
dB
6.0
Reverse Transmission
10 - 2000 MHz
dB
-30
-27
VSWR
10 - 2000 MHz
Ratio
2.0:1
Output IP2
Two-tone inputs up to 0 dBm
10 - 2000 MHz
dBm
+30
Output IP3
Two-tone inputs up to 0 dBm
10 - 2000 MHz
dBm
+20
Vbias
V
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
52
60
Power Dissipation
@ +15V Bias
mW
780
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 1.0W must
be provided in use.
S-Parameter Data
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.13
-171.5
10.33
6.2
0.03
4.5
0.10
80.7
20
0.12
-175.9
10.18
0.3
0.03
2.8
0.08
47.2
500
0.12
105.1
10.13
-79.8
0.03
-12.1
0.10
-131.1
2000
0.28
176.9
9.63
53.4
0.01
-75.0
0.30
-142.7
Frequency (MHz)
40
0.12
174.6
10.48
-4.6
0.03
1.4
0.08
7.2
100
0.12
165.0
10.51
-15.7
0.03
-1.8
0.06
-38.9
200
0.12
149.1
10.42
-32.4
0.03
-4.8
0.05
-76.4
1000
0.12
9.8
9.60
-156.4
0.03
-27.2
0.12
173.5
1500
0.14
-99.8
9.53
126.5
0.02
-51.5
0.14
-89.3


Podobny numer części - AM-AMC-184

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM-AMC-180 MACOM-AM-AMC-180 Datasheet
223Kb / 3P
   Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
AM-AMC-182 MACOM-AM-AMC-182 Datasheet
219Kb / 3P
   Cascadable Thin Film Amplifier, 28 dB Gain, 5 - 1000 MHz
More results

Podobny opis - AM-AMC-184

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
AM-184 MA-COM-AM-184 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
logo
Tyco Electronics
AM-184 MACOM-AM-184 Datasheet
155Kb / 3P
   Cascadable Thin Film Amplifier 20 dB Gain, 10 - 2000 MHz
AM-AMC-180 MACOM-AM-AMC-180 Datasheet
223Kb / 3P
   Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
AM-180 MACOM-AM-180 Datasheet
278Kb / 3P
   Cascadable Thin Film Amplifier 10 dB Gain, 10 - 2000 MHz
logo
M/A-COM Technology Solu...
AM-180 MA-COM-AM-180 Datasheet
89Kb / 3P
   Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
   Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 1000 MHz
logo
Tyco Electronics
AM-177 MACOM-AM-177 Datasheet
193Kb / 2P
   Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
AM-183 MACOM-AM-183 Datasheet
154Kb / 3P
   Cascadable Thin Film Amplifier 28.5 dB Gain, 10 - 1000 MHz
logo
M/A-COM Technology Solu...
AM-183 MA-COM-AM-183 Datasheet
82Kb / 3P
   Cascadable Thin Film Amplifier, 28.5 dB Gain, 10 - 1000 MHz
logo
Tyco Electronics
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
   Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com