Zakładka z wyszukiwarką danych komponentów |
|
AM50-0006PDC Arkusz danych(PDF) 1 Page - Tyco Electronics |
|
AM50-0006PDC Arkusz danych(HTML) 1 Page - Tyco Electronics |
1 / 7 page Specifications Subject to Change Without Notice. M/A-COM, Inc. 1 North America: Tel. (800) 366-2266 ♦ Asia/Pacific: Tel. +81 3 3263-8761 ♦ Europe: Tel. +44 (1344) 869-595 Fax (800) 618-8883 Fax +81 3 3263-8769 Fax +44 (1344) 300-020 an company AMP Low Noise Amplifier 1400 - 2000 MHz AM50-0006 V2.00 Features • Low Noise Figure: 1.6 dB • High Input IP3: -6 dBm at 3 V, 6.5 mA bias • High Gain: 18 dB • Single Supply: +3 to +8 VDC • Low Cost SOT-26 Miniature Plastic Package • Adjustable current: 3 to 20 mA with an external resistor Description M/A-COMs AM50-0006 is a high dynamic range, GaAs MMIC, low noise amplifier in a low cost, SOT-26 miniature surface mount, plastic package. It employs external input matching to obtain optimum noise figure performance and operating frequency flexibility. The AM50-0006 also features flexible biasing to control the current consumption vs. dynamic range trade-off. The AM50-0006 can operate from any positive supply voltage in the 3 V to 8 V range. Its current can be controlled over a range of 3 mA to 20 mA with an external resistor. The AM50-0006 is ideally suited for use where low noise figure, high gain, high dynamic range, and low power consumption are required. Typical applications include receiver front ends in PDC- 1500, DCS-1800, DCS-1900, PHS and other PCN/PCS applications. It is also useful as a gain block, buffer, driver and IF amplifier in both fixed and portable PDC, PHS, and PCN/PCS systems. The AM50-0006 is fabricated using a low-cost 0.5-micron gate length GaAs process. The process features full passivation for increased performance reliability. The AM50-0006 is 100% RF tested to ensure performance specification compliance. SOT-26 .114 ±.008 2,9 ±0,2 .002 ±.002 0,05 ±0,05 .075 ±.008 1,90 ±0,2 .063 1,60 +.008 -.004 +0.20 -0.10 .031 0,79 +.004 -.007 -0.18 +0.10 .016 0,40 -.002 +.004 +0.10 -0.05 .006 0,15 -0.05 +0.10 -.002 +.004 .008 MIN 0,20 MIN .043 1,10 -.004 +.008 +0.20 -0.10 .110 ±.008 2,80 ±0,2 0 2 X Y PIN#1 Ordering Information Part Number Package AM50-0006 SOT-26 Plastic Package AM50-0006TR Forward Tape and Reel* AM50-0006PDC AM50-0006PCS 1400-1520 MHz Designers Kit 1700-2000 MHz Designers Kit * If specific reel size is required, consult factory for part number assignment. Electrical Specifications1: TA=+25°C, Z0 =50 Ω,PIN =-30dBm Parameter Test Conditions Units 1500 MHz 1900 MHz Min. Typ. Max. Min. Typ. Max. Gain VDD = 3 Volts dB 15 18 20 15 17.5 20 Noise Figure VDD = 3 Volts dB 1.60 2.00 1.65 2.00 Input VSWR 2.2:1 1.5:1 Output VSWR 1.5:1 1.5:1 Output 1 dB Compression VDD = 3 Volts dBm 1 0 Input IP3 VDD = 3 Volts dBm -5.0 -6.0 Reverse Isolation dB 35 35 Drain current VDD = 3 Volts mA 4.5 6.5 10 4.5 6.5 10 1. Using external 120 Ω resistor. See functional block diagrams on pages 2 and 5. |
Podobny numer części - AM50-0006PDC |
|
Podobny opis - AM50-0006PDC |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |