Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM50-0006PCS Arkusz danych(PDF) 5 Page - Tyco Electronics

Numer części AM50-0006PCS
Szczegółowy opis  Low Noise Amplifier 1400 - 2000 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0006PCS Arkusz danych(HTML) 5 Page - Tyco Electronics

  AM50-0006PCS Datasheet HTML 1Page - Tyco Electronics AM50-0006PCS Datasheet HTML 2Page - Tyco Electronics AM50-0006PCS Datasheet HTML 3Page - Tyco Electronics AM50-0006PCS Datasheet HTML 4Page - Tyco Electronics AM50-0006PCS Datasheet HTML 5Page - Tyco Electronics AM50-0006PCS Datasheet HTML 6Page - Tyco Electronics AM50-0006PCS Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Low Noise Amplifier
AM50-0006
V2.00
Specifications Subject to Change Without Notice.
M/A-COM, Inc.
5
North America:
Tel. (800) 366-2266
♦ Asia/Pacific: Tel. +81 3 3263-8761
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Absolute Maximum Ratings 1
Parameter
Absolute Maximum
V,,
+10 VDC
Input Power
+17 dBm
Current
30 mA
Channel Temperature!
+150°C
Operating Temperature
-40°Cto+85°C
Storage Temperature
-65°C to +150°C
1. Exceeding any one or combination of these limits may
cause permanent damage.
2. When pin #2 is used to increase current. (See note 5.)
3. Thermal resistance (θjc) = +150°C/W.
Functional Block Diagram For
1400-1520 MHz Operation
C1
L1
R1 (see note 5)
C2
C3
L2
L3
VDD
RF OUT
RF IN
2
3
6
1,5
4
Recommended PCB Configuration For
1400-1520 MHz Operation
Layout View
L1
C1
L2
L3
C2
C3
R1
V,,
RF IN
RF OUT
Pin #1
Pin Configuration
Pin No.
Pin Name Description
1
GND
RF and DC Ground
2
Rext
Cext
External Current Control
By-Pass Capacitor
3
IN
RF Input of the Amplifier
4V,,
Positive Supply Voltage
5
GND
RF and DC Ground
6
OUT
RF Output of the Amplifier
External Circuitry Parts List For
1400-1520 MHz Operation 4
Part
Value
Purpose
C1
47 pF
DC Block
C2
470 pF
By-Pass
L1
10 nH
Tuning
L2
3.9 nH
Tuning
L3
22 nH
RF Choke
R1
See Note 5
Current control
C3
470 pF
By-Pass
4. All external circuitry parts are readily available, low cost
surface mount components (.060 in. x .030 in. or .080 in. x
.050 in.).
5. Pin 2 allows use of an external resistor to ground for optional,
higher current.
For I,, ~ 5 mA, R1 = 150 ohms;
I,, ~ 6.5 mA, R1 = 120 ohms;
I,, ~ 20 mA, R1 = 27 ohms.
Cross Section View
RF Traces + Components
RF Ground
DC Routing
Customer Defined
The PCB dielectric between RF traces and RF ground layers
should be chosen to reduce RF discontinuities between 50 Ω
lines and package pins. M/A-COM recommends an FR-4
dielectric thickness of 0.008” (0.20 mm) yielding a 50 Ω line
width of 0.015” (0.38 mm). The recommended RF metalization
is 1 ounce copper.


Podobny numer części - AM50-0006PCS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM50-0006PCS MACOM-AM50-0006PCS Datasheet
297Kb / 8P
   Low Noise Amplifier 1400-2000 MHz
logo
M/A-COM Technology Solu...
AM50-0006PCS MA-COM-AM50-0006PCS Datasheet
221Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
More results

Podobny opis - AM50-0006PCS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM50-0006 MACOM-AM50-0006_1 Datasheet
297Kb / 8P
   Low Noise Amplifier 1400-2000 MHz
logo
M/A-COM Technology Solu...
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
MAALSS0048 MACOM-MAALSS0048 Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0006 MA-COM-AM50-0006 Datasheet
221Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
Mini-Circuits
ZRL-1150LN MINI-ZRL-1150LN Datasheet
184Kb / 1P
   Low Noise Amplifier 50??500 to 1400 MHz
ZRL-2300 MINI-ZRL-2300 Datasheet
183Kb / 1P
   Low Noise Amplifier 50??1400 to 2300 MHz
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com