Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM55-0024 Arkusz danych(PDF) 1 Page - Tyco Electronics

Numer części AM55-0024
Szczegółowy opis  Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0024 Arkusz danych(HTML) 1 Page - Tyco Electronics

  AM55-0024 Datasheet HTML 1Page - Tyco Electronics AM55-0024 Datasheet HTML 2Page - Tyco Electronics AM55-0024 Datasheet HTML 3Page - Tyco Electronics AM55-0024 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Attenuation: 0.5 dB steps to 31.5 dB
n
6 Bit Digital Gain Control
n
CMOS Logic
n
Serial Logic Interface
n
Single Positive Voltage Supply
n
8 mm PBGA Package
n
JEDEC MO-151 Footprint
n
Single Package Solution for GSM,CDMA,PCS
Description
The M/A-COM AM55-0024 is a dual channel IF amplifier
and digital attenuator packaged in a multi-layer multi-chip
module (MCM). Gain control is via two separate serial
logic interfaces. The part utilizes Plastic Ball Grid Array
(PBGA) interconnect technology to achieve high circuit
density and superior performance. This device is ideal for
GSM/DCS/PCS digital base station applications where high
dynamic range gain control functionality is required.
Hi Dyn Range 2 Channel IF Amp with
Power Control, 100 - 400 MHz
Functional Block Diagram
Parameter
Absolute Maximum
Input Power
2
+20 dBm
Operating Voltage
2
VDD = +6 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
1
1. Exceeding any one or combination of these limits may
cause permanent damage.
2. Ambient Temperature (TA) = +25
°C.
Logic
Interface
IF in B
IF in A
IF out B
IF out A
Electrical Specifications: TA = 25°C, Z0 = 50
1
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
100 - 400 MHz
dB
19.5
21
22.5
Gain Control Range
100 - 400 MHz
dB
31.5
Minimum Gain Control Step Size
100 - 400 MHz
dB
0.5
Return Loss
100 - 400 MHz
dB
10
12
Output IP3
100 - 400 MHz @ 5V
dBm
30
Supply Voltage
V
3/5
Supply Current
@ 3V / @ 5V
mA
300/400
Switching Speed (50% TTL to 90% RF)
nS
50
Isolation
dBc
50
60
P1 dB
dBm
15
17.5
Noise Figure
100 - 400 MHz
dB
4
1. All measurements in a 50 Ohm system.
V 2.00


Podobny numer części - AM55-0024

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM55-0024 MACOM-AM55-0024 Datasheet
130Kb / 4P
   High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
AM55-0024TR-3000 MACOM-AM55-0024TR-3000 Datasheet
130Kb / 4P
   High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
AM55-0024 MACOM-AM55-0024_1 Datasheet
130Kb / 4P
   High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
More results

Podobny opis - AM55-0024

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM55-0024 MACOM-AM55-0024_1 Datasheet
130Kb / 4P
   High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
logo
Analog Devices
AD6649 AD-AD6649 Datasheet
1Mb / 40P
   IF Diversity Receiver IF sampling frequencies to 400 MHz
REV. 0
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control 400 - 2700 MHz
logo
Integrated Circuit Syst...
SF0400BA02520S ICST-SF0400BA02520S Datasheet
95Kb / 2P
   400 MHz IF SAW Filter 160 KHz Bandwidth
logo
Tyco Electronics
MTH-50 MACOM-MTH-50 Datasheet
127Kb / 1P
   Two-Way Power Dividers 1 - 100 MHz and 40 - 400 MHz
logo
Diodes Incorporated
ZXHF5002 DIODES-ZXHF5002 Datasheet
97Kb / 2P
   4:2 IF switch with integrated gain and control
ZXHF5000 DIODES-ZXHF5000 Datasheet
87Kb / 2P
   4:2 IF switch with integrated gain and control
logo
Zetex Semiconductors
ZXHF5000 ZETEX-ZXHF5000 Datasheet
78Kb / 2P
   4:2 IF switch with integrated gain and control
logo
M/A-COM Technology Solu...
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers, 1 - 100 MHz and 40 - 400 MHz
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
   Two-Way Power Dividers, 2 - 200 MHz and 20 - 400 MHz
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com