Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM55-0024TR Arkusz danych(PDF) 2 Page - Tyco Electronics

Numer części AM55-0024TR
Szczegółowy opis  Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0024TR Arkusz danych(HTML) 2 Page - Tyco Electronics

  AM55-0024TR Datasheet HTML 1Page - Tyco Electronics AM55-0024TR Datasheet HTML 2Page - Tyco Electronics AM55-0024TR Datasheet HTML 3Page - Tyco Electronics AM55-0024TR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Hi Dyn Range 2 Channel IF Amp w/Pwr Cntrl, 100 - 400 MHz
AM55-0024
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 2.00
External Components
1, 2, 3
2
Typical Performance Curves
Output VSWR
Input VSWR
Component
Value
L
470 nH
C
10000 pF
1. All inductors are 470 nH
2. All Capacitors are 10000 pF
3. IF outputs must be supplied +3 Volts.
Clock Diagram
1, 2, 3, 4, 5
1. Max Clock Speed = 40 MHz
2. Ton = Toff
3. Tsu = >3ns
4. Thold = >7ns
5. Data clocked in on rising clock edge
Data
Clock
Each channel in the AM55-0024 is independently
controllable with a 3 wire serial interface: Clock, Data,
and Latch Enable. These lines can be shared based on
application requirements.
The attenuator within the
device is controlled with a 6 bit word, enabling the
selection of 64 possible states. The highest gain state is
'000000', and the lowest is '111111'. The sequence for
shifting the data is as follows: Present data (MSB first),
strobe clock, repeat until 6 bits have been presented and
clocked, then strobe the latch enable line, which
implements the state change.
Serial Interface
1.0
1.5
2.0
2.5
3.0
3.5
0.045
0.105
0.165
0.225
0.285
0.345
0.405
Frequency (GHz)
1.0
1.5
2.0
2.5
3.0
3.5
0.045
0.105
0.165
0.225
0.285
0.345
0.405
Frequency (GHz)
AM55-0024
3V
A1
3V
A2
3V
B1
3V
B2
IF In A
IF In B
IF Out A
3V A3
IF Out B
3V B3
Latch


Podobny numer części - AM55-0024TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM55-0024TR-3000 MACOM-AM55-0024TR-3000 Datasheet
130Kb / 4P
   High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
More results

Podobny opis - AM55-0024TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM55-0024 MACOM-AM55-0024_1 Datasheet
130Kb / 4P
   High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
logo
Analog Devices
AD6649 AD-AD6649 Datasheet
1Mb / 40P
   IF Diversity Receiver IF sampling frequencies to 400 MHz
REV. 0
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control 400 - 2700 MHz
logo
Integrated Circuit Syst...
SF0400BA02520S ICST-SF0400BA02520S Datasheet
95Kb / 2P
   400 MHz IF SAW Filter 160 KHz Bandwidth
logo
Tyco Electronics
MTH-50 MACOM-MTH-50 Datasheet
127Kb / 1P
   Two-Way Power Dividers 1 - 100 MHz and 40 - 400 MHz
logo
Diodes Incorporated
ZXHF5002 DIODES-ZXHF5002 Datasheet
97Kb / 2P
   4:2 IF switch with integrated gain and control
ZXHF5000 DIODES-ZXHF5000 Datasheet
87Kb / 2P
   4:2 IF switch with integrated gain and control
logo
Zetex Semiconductors
ZXHF5000 ZETEX-ZXHF5000 Datasheet
78Kb / 2P
   4:2 IF switch with integrated gain and control
logo
M/A-COM Technology Solu...
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers, 1 - 100 MHz and 40 - 400 MHz
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
   Two-Way Power Dividers, 2 - 200 MHz and 20 - 400 MHz
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com