Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD1LB500FVM-C Arkusz danych(PDF) 3 Page - Rohm

Numer części BD1LB500FVM-C
Szczegółowy opis  In-Vehicle 1ch Low Side Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD1LB500FVM-C Arkusz danych(HTML) 3 Page - Rohm

  BD1LB500FVM-C Datasheet HTML 1Page - Rohm BD1LB500FVM-C Datasheet HTML 2Page - Rohm BD1LB500FVM-C Datasheet HTML 3Page - Rohm BD1LB500FVM-C Datasheet HTML 4Page - Rohm BD1LB500FVM-C Datasheet HTML 5Page - Rohm BD1LB500FVM-C Datasheet HTML 6Page - Rohm BD1LB500FVM-C Datasheet HTML 7Page - Rohm BD1LB500FVM-C Datasheet HTML 8Page - Rohm BD1LB500FVM-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Datasheet
Datasheet
3/16
BD1LB500 Series
TSZ02201-0G3G0BD00040-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.04.01 Rev.006
www.rohm.co.jp
TSZ22111・15・001
Absolute Maximum Ratings
Item
Symbol
Limit values
Unit
DRAIN-SOURCE voltage
VDS
42 (internally limited)
V
Power supply voltage
VDD
7
V
Diagnostic output voltage
VST
-0.3 to +7
(1)
V
Output current (DC)
IOD
0.8
(2)
A
Output current (Pulse)
IOP
Internally limited
(3)
A
Input voltage
VIN
-0.3 to +7
(1)
V
Power consumption
Pd
2.1(HTSOP-J8)
(4)
W
0.587(MSOP8)
(5)
Operating temperature range
Topr
-40≤Topr<+150
°C
Storage temperature range
Tstg
-55 to +150
°C
Maximum junction temperature
Tjmax
150
°C
Active clamp energy (single pulse)
EAS
25
(6)
mJ
Operating Voltage Ratings
Item
Code
Limit values
Unit
Operating voltage range
VDD
3.5 to 5.5
V
(1) The condition, VDD>VIN, VST is required.
(2) The value must not exceed Pd.
(3) Internally limited by the overcurrent limiting circuit.
(4) When mounting PCB (70×70[mm], thickness 1.6[mm], copper foil area 70×70[mm], glass epoxy 2-layer substrate).
When using at Ta ≥ 25°C, power dissipation is reduced at 16.8mW/°C.
(5) When mounting PCB (70×70[mm], thickness 1.6[mm], copper foil area 70×70[mm], glass epoxy single-layer substrate).
When using at Ta ≥ 25°C, power dissipation is reduced at 4.7mW/°C.
(6) Min Active clamp energy at Tj(0) = 25°C, using single non-repetitive pulse of 0.4A
Heat Dissipation Characteristics
(HTSOP-J8)
(1) When mounting PCB (70×70[mm], thickness 1.6[mm], copper foil area 70×70[mm], glass epoxy 4-layer substrate)
When using at Ta ≥ 25°C, power dissipation is reduced at 30mW/°C.
(2) When mounting PCB (70×70[mm], thickness 1.6[mm], copper foil area 70×70[mm], glass epoxy 2-layer substrate)
When using at Ta ≥ 25°C, power dissipation is reduced at 16.8mW/°C.
(MSOP8)
(3) When mounting PCB (70×70[mm], thickness 1.6[mm], copper foil area 70×70[mm], glass epoxy single-layer substrate)
When using at Ta ≥ 25°C, power dissipation is reduced at 4.7mW/°C.
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
0
25
50
75
100
125
150
Ta [℃]
0.587 W
2.1 W
3.75 W
HTSOP-J8
(1)
HTSOP-J8
(2)
MSOP8
(3)


Podobny numer części - BD1LB500FVM-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1LB500FVM-C ROHM-BD1LB500FVM-C Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
More results

Podobny opis - BD1LB500FVM-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C_15 Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BV1LB150FJ-C ROHM-BV1LB150FJ-C Datasheet
870Kb / 20P
   1ch Low Side Switch IC
BV1LB300FJ-C ROHM-BV1LB300FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LB085FJ-C ROHM-BV1LB085FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LC105FJ-C ROHM-BV1LC105FJ-C Datasheet
1Mb / 26P
   1ch/2ch Low Side Switch IC
BV1LA025EFJ-C ROHM-BV1LA025EFJ-C Datasheet
1Mb / 26P
   Automotive IPD 1ch Low Side Switch
19.Aug.2020 Rev.001
BV1LB045FPJ-C ROHM-BV1LB045FPJ-C Datasheet
1Mb / 24P
   Automotive IPD 1ch Low Side Switch
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BD1HX500 ROHM-BD1HX500 Datasheet
826Kb / 21P
   1ch High-side switch
BV1HV050FJ-C ROHM-BV1HV050FJ-C Datasheet
1Mb / 33P
   1ch High Side Switch
20.Jan.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com