Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD1482EFJ Arkusz danych(PDF) 2 Page - Rohm

Numer części BD1482EFJ
Szczegółowy opis  Low Standby Current during Shutdown Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD1482EFJ Arkusz danych(HTML) 2 Page - Rohm

  BD1482EFJ Datasheet HTML 1Page - Rohm BD1482EFJ Datasheet HTML 2Page - Rohm BD1482EFJ Datasheet HTML 3Page - Rohm BD1482EFJ Datasheet HTML 4Page - Rohm BD1482EFJ Datasheet HTML 5Page - Rohm BD1482EFJ Datasheet HTML 6Page - Rohm BD1482EFJ Datasheet HTML 7Page - Rohm BD1482EFJ Datasheet HTML 8Page - Rohm BD1482EFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.rohm.com
TSZ02201-0333AD100130-1-2
©2012 ROHM Co., Ltd. All rights reserved.
2/17
06.Aug.2012 Rev.001
TSZ22111・15・001
BD1482EFJ
Datasheet
●Pin Configuration
●Block Diagram
Fig.2 Pin Configuration
Fig.3 Block Diagram
●Pin Description
Pin No.
Pin name
Function
1
BST
High-Side Gate Drive Boost Input
2
VIN
Power Input
3
SW
Power Switching Output
4
GND
Ground
5
FB
Feed Back Input
6
COMP
Compensation Node
7
EN
Enable Input
8
SS
Soft Start Control Input
●Block Operation
・VREG
A block to generate constant-voltage for DC/DC boosting.
・VREF
A block that generates internal reference voltage of 5.1 V (Typ.).
・TSD/UVLO
TSD (Thermal shutdown)/UVLO (Under Voltage Lockout) protection block.
The TSD circuit shuts down IC at high temperature.
The UVLO circuit shuts down the IC when the VIN is Low Voltage.
・Error amp block (ERR)
This is the circuit to compare the reference voltage and the feedback voltage of output voltage. The COMP pin voltage resulting from this
comparison determines the switching duty. At the time of startup, since the soft start is operated by the SS pin voltage, the COMP pin
voltage is limited to the SS pin voltage.
・Oscillator block (OSC)
This block generates the oscillating frequency.
・SLOPE block
This block generates the triangular waveform from the clock created by OSC. Generated triangular waveform is sent to the PWM
comparator.
・PWM block
The COMP pin voltage output by the error amp is compared to the SLOPE block's triangular waveform to determine the switching duty.
Since the switching duty is limited by the maximum duty ratio which is determined internally, it does not become 100%.
・DRV block
A DC/DC driver block. A signal from the PWM is input to drive the power FETs.
・OCP block
OCP (Over Current Protection) block. The current which flowed into FET is detected and OCP starts at 3.5A (min). After OCP, switching is
turned off and SS capacitor is discharged. OCP is not latch type but auto restart.
・Soft start circuit
Since the output voltage rises gradually while restricting the current at the time of startup, it is possible to prevent the output voltage
overshoot or the rush current.
(TOP
VIEW)
BST
VIN
SW
GND
FB
COMP
EN
SS


Podobny numer części - BD1482EFJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1484EFJ ROHM-BD1484EFJ Datasheet
565Kb / 20P
   Low Standby Current during Shutdown Mode
More results

Podobny opis - BD1482EFJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1484EFJ ROHM-BD1484EFJ Datasheet
565Kb / 20P
   Low Standby Current during Shutdown Mode
logo
Micross Components
AS5181 MICROSS-AS5181 Datasheet
962Kb / 16P
   Low-Current Standby or Full Shutdown Modes
logo
Rohm
BP5074 ROHM-BP5074 Datasheet
595Kb / 2P
   AC/DC converters with low power consumption during standby
logo
Maxim Integrated Produc...
MAX1797EVKIT MAXIM-MAX1797EVKIT Datasheet
96Kb / 4P
   Output Disconnects from Input During Shutdown
Rev 0; 2/01
MAX17000EVKIT MAXIM-MAX17000EVKIT Datasheet
280Kb / 11P
   Independent Shutdown and Standby Controls
Rev 0; 5/08
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
   Very low standby current consumption
Rev. 1.41, 2012-01-30
logo
Intersil Corporation
ISL6455 INTERSIL-ISL6455 Datasheet
287Kb / 13P
   Low shutdown supply current
logo
ATMEL Corporation
ATA6629 ATMEL-ATA6629 Datasheet
829Kb / 26P
   Typically 10 關A Supply Current During Sleep Mode
logo
Seiko Instruments Inc
S-19680AAAH-K8T2U SII-S-19680AAAH-K8T2U Datasheet
3Mb / 27P
   Current consumption during operation
logo
ATMEL Corporation
ATA6622 ATMEL-ATA6622_10 Datasheet
1,007Kb / 31P
   Typically 10 關A Supply Current During Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com