Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD1482EFJ Arkusz danych(PDF) 6 Page - Rohm

Numer części BD1482EFJ
Szczegółowy opis  Low Standby Current during Shutdown Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD1482EFJ Arkusz danych(HTML) 6 Page - Rohm

Back Button BD1482EFJ Datasheet HTML 2Page - Rohm BD1482EFJ Datasheet HTML 3Page - Rohm BD1482EFJ Datasheet HTML 4Page - Rohm BD1482EFJ Datasheet HTML 5Page - Rohm BD1482EFJ Datasheet HTML 6Page - Rohm BD1482EFJ Datasheet HTML 7Page - Rohm BD1482EFJ Datasheet HTML 8Page - Rohm BD1482EFJ Datasheet HTML 9Page - Rohm BD1482EFJ Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.rohm.com
TSZ02201-0333AD100130-1-2
©2012 ROHM Co., Ltd. All rights reserved.
6/17
06.Aug.2012 Rev.001
TSZ22111・15・001
BD1482EFJ
Datasheet
●Typical Performance Curves
(Unless otherwise specified, VIN= 12V Ta = 25℃) (Continued)
Fig.15 Transient Response
(VIN= 12V VOUT= 3.3V L= 10µH Cout =22µF Iout= 0.2-2.0A)
Fig.14 Output Ripple Voltage
(VIN= 12V VOUT= 3.3V L= 10µH Cout =22µF Iout= 1.0A )
Fig.12 Soft Start Time
Fig.13 Transient Response
(VIN= 12V VOUT= 3.3V L= 10µH Cout =22µF Iout= 0.2-1.0A )
VOUT
IOUT
VOUT-MAX: +37.5mV
VOUT-MIN: -43.5mV
VOUT: 50mV/div
IOUT: 1.0A/div
500usec/div
VOUT
VOUT: 20mV/div
⊿: +22.8mV
VOUT
IOUT
VOUT-MAX: +87mV
VOUT-MIN: -98mV
VOUT: 100mV/div
IOUT: 1.0A/div
500usec/div


Podobny numer części - BD1482EFJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1484EFJ ROHM-BD1484EFJ Datasheet
565Kb / 20P
   Low Standby Current during Shutdown Mode
More results

Podobny opis - BD1482EFJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1484EFJ ROHM-BD1484EFJ Datasheet
565Kb / 20P
   Low Standby Current during Shutdown Mode
logo
Micross Components
AS5181 MICROSS-AS5181 Datasheet
962Kb / 16P
   Low-Current Standby or Full Shutdown Modes
logo
Rohm
BP5074 ROHM-BP5074 Datasheet
595Kb / 2P
   AC/DC converters with low power consumption during standby
logo
Maxim Integrated Produc...
MAX1797EVKIT MAXIM-MAX1797EVKIT Datasheet
96Kb / 4P
   Output Disconnects from Input During Shutdown
Rev 0; 2/01
MAX17000EVKIT MAXIM-MAX17000EVKIT Datasheet
280Kb / 11P
   Independent Shutdown and Standby Controls
Rev 0; 5/08
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
   Very low standby current consumption
Rev. 1.41, 2012-01-30
logo
Intersil Corporation
ISL6455 INTERSIL-ISL6455 Datasheet
287Kb / 13P
   Low shutdown supply current
logo
ATMEL Corporation
ATA6629 ATMEL-ATA6629 Datasheet
829Kb / 26P
   Typically 10 關A Supply Current During Sleep Mode
logo
Seiko Instruments Inc
S-19680AAAH-K8T2U SII-S-19680AAAH-K8T2U Datasheet
3Mb / 27P
   Current consumption during operation
logo
ATMEL Corporation
ATA6622 ATMEL-ATA6622_10 Datasheet
1,007Kb / 31P
   Typically 10 關A Supply Current During Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com